전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TISP61089A 데이터시트 (PDF) - Power Innovations Ltd

TISP61089A Datasheet PDF - Power Innovations Ltd
부품명 TISP61089A
다운로드  TISP61089A 다운로드
파일 크기   319.96 Kbytes
페이지   17 Pages
제조업체  POINN [Power Innovations Ltd]
홈페이지  http://www.bourns.com
Logo POINN - Power Innovations Ltd
상세설명 DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS

TISP61089A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TISP61089A Datasheet PDF - Power Innovations Ltd

부품명 TISP61089A
다운로드  TISP61089A Click to download

파일 크기   319.96 Kbytes
페이지   17 Pages
제조업체  POINN [Power Innovations Ltd]
홈페이지  http://www.bourns.com
Logo POINN - Power Innovations Ltd
상세설명 DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS

TISP61089A 데이터시트 (HTML) - Power Innovations Ltd


TISP61089A 제품 세부 정보

description
The TISP61089A is a dual forward-conducting buffered p-gate overvoltage protector. It is designed to protect monolithic SLICs (Subscriber Line Interface Circuits) against overvoltages on the telephone line caused by lightning, a.c. power contact and induction. The TISP61089A limits voltages that exceed the SLIC supply rail voltage. The TISP61089A parameters are specified to allow equipment compliance with Bellcore GR-1089-CORE, Issue 1.

PROGRAMMABLE SLIC OVERVOLTAGE PROTECTION FOR LSSGR ‘1089

● Dual Voltage-Programmable Protectors
    - Wide 0 to -110 V Programming Range
    - Low 5 mA max. Gate Triggering Current
    - High 150 mA min. Holding Current
● Rated for LSSGR ‘1089 Conditions
● 2/10 Protection Voltage Specified
● Also Rated for ITU-T 10/700 impulses
● Surface Mount and Through-Hole Options
    - TISP61089AP for Plastic DIP
    - TISP61089AD for Small-Outline
    - TISP61089ADR for Small-Outline Taped and Reeled




유사한 부품 번호 - TISP61089A

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
182Kb / 12P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
657Kb / 8P
TISP61089 Gated Protector Series
TISP61089ADR BOURNS-TISP61089ADR Datasheet
182Kb / 12P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089ADR-S BOURNS-TISP61089ADR-S Datasheet
657Kb / 8P
TISP61089 Gated Protector Series
More results


유사한 설명 - TISP61089A

제조업체부품명데이터시트상세설명
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com