전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SF3 데이터시트 (PDF) - Amphenol Wilcoxon Sensing Technologies.

SF3 Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.
부품명 SF3
다운로드  SF3 다운로드
파일 크기   748.26 Kbytes
페이지   15 Pages
제조업체  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
홈페이지  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
상세설명 ReferenceMate portable reference source

SF3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SF3 Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.

부품명 SF3
다운로드  SF3 Click to download

파일 크기   748.26 Kbytes
페이지   15 Pages
제조업체  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
홈페이지  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
상세설명 ReferenceMate portable reference source

SF3 데이터시트 (HTML) - Amphenol Wilcoxon Sensing Technologies.


SF3 제품 세부 정보

Description
The ReferenceMate portable vibration reference source enables users in the field to easily verify sensor performance and the integrity of the cabling between the sensor and read-out equipment, either online or portable units.
A built-in reference accelerometer assures that a 1 g test level is maintained for a unit under test (sensor and mounting hardware) weighing up to 250 grams.
Frequency of operation and measurement types (peak/RMS) are selected with front panel push buttons.
• 61.4 Hz for imperial measurements, where 1 g is equal to 1 inch per second (ips), ideal for use with velocity sensors
• 100 Hz to confirm accelerometer performance at the same reference frequency used by most manufacturers
• 159.2 for metric measurements, where 1 g is equal to 9.81 m/sec2 and 9.81 mm/sec.
A bottom-mounted D-ring belt clip is included for hands-free transport between locations when in the field. The belt clip can be removed and replaced with a 70 lbf pull force magnet (optional) for attachment to metal structures for hands-free operation.
LEDs notify the user when the battery condition falls below operational levels or if the unit is overloaded. Reference test points are provided to test and check calibration of the shaker’s internal accelerometer.

Applicable models
The manual covers the model REF2500 handheld shaker included in the REF2510 and REF2510R kits, and the use of applicable accessories, both standard and optional.




유사한 부품 번호 - SF3

제조업체부품명데이터시트상세설명
logo
Nais(Matsushita Electri...
SF3 NAIS-SF3 Datasheet
338Kb / 7P
POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
logo
Rectron Semiconductor
SF3 RECTRON-SF3 Datasheet
423Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF3 RECTRON-SF3 Datasheet
372Kb / 6P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Nais(Matsushita Electri...
SF3-DC12V NAIS-SF3-DC12V Datasheet
338Kb / 7P
POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
SF3-DC18V NAIS-SF3-DC18V Datasheet
338Kb / 7P
POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
More results


유사한 설명 - SF3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
PRECISION VOLTAGE REFERENCE SOURCE
logo
Avic Technology
AV431LT1 AVICTEK-AV431LT1 Datasheet
208Kb / 4P
Adjustable Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Abracon Corporation
SYNC-10MHZ ABRACON-SYNC-10MHZ Datasheet
2Mb / 2P
Portable Precision Frequency Reference
10.02.11
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com