전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1795909 데이터시트 (PDF) - PHOENIX CONTACT

1795909 Datasheet PDF - PHOENIX CONTACT
부품명 1795909
다운로드  1795909 다운로드
파일 크기   212.7 Kbytes
페이지   7 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 GMSTB 2,5/ 4-GF-7,62 EX - PCB header

1795909 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1795909 Datasheet PDF - PHOENIX CONTACT

부품명 1795909
다운로드  1795909 Click to download

파일 크기   212.7 Kbytes
페이지   7 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 GMSTB 2,5/ 4-GF-7,62 EX - PCB header

1795909 데이터시트 (HTML) - PHOENIX CONTACT


1795909 제품 세부 정보

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Sn, contact connection type: Pin, number of potentials: 4, number of rows: 1, number of
positions: 4, number of connections: 4, product range: GMSTB 2,5/..-GF-EX, pitch: 7.62 mm,
mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MSTB 2,5 EX, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Well-known mounting principle allows worldwide use
• Larger pitch for increased voltage requirements
• Screwable flange for superior mechanical stability




유사한 부품 번호 - 1795909

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1795912 PHOENIX-1795912 Datasheet
212Kb / 7P
GMSTB 2,5/ 5-GF-7,62 EX - PCB header
1795925 PHOENIX-1795925 Datasheet
275Kb / 10P
GMSTB 2,5/ 6-GF-7,62 EX - PCB header
1795938 PHOENIX-1795938 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 7-GF-7,62 EX
1795941 PHOENIX-1795941 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 8-GF-7,62 EX
1795954 PHOENIX-1795954 Datasheet
274Kb / 10P
GMSTB 2,5/ 9-GF-7,62 EX - PCB header
More results


유사한 설명 - 1795909

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1806245 PHOENIX-1806245 Datasheet
188Kb / 11P
Feed-through header - GMSTB 2,5/ 4-GF-7,62
1795967 PHOENIX-1795967 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/10-GF-7,62 EX
1795886 PHOENIX-1795886 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 2-GF-7,62 EX
1795899 PHOENIX-1795899 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 3-GF-7,62 EX
1795938 PHOENIX-1795938 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 7-GF-7,62 EX
1795941 PHOENIX-1795941 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 8-GF-7,62 EX
1795970 PHOENIX-1795970 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/11-GF-7,62 EX
1892440 PHOENIX-1892440 Datasheet
96Kb / 2P
GMSTB 2,5/ 6-GF-7,62 AU
1892453 PHOENIX-1892453 Datasheet
96Kb / 2P
GMSTB 2,5/ 8-GF-7,62 AU
1829170 PHOENIX-1829170 Datasheet
919Kb / 15P
PCB header - GMSTBV 2,5/ 4-GF-7,62
Jan 5, 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com