전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSA4159P6X-TP 데이터시트 (PDF) - TECH PUBLIC Electronics co LTD

FSA4159P6X-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
부품명 FSA4159P6X-TP
다운로드  FSA4159P6X-TP 다운로드
파일 크기   2576.58 Kbytes
페이지   5 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH

FSA4159P6X-TP Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
FSA4159P6X-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

부품명 FSA4159P6X-TP
다운로드  FSA4159P6X-TP Click to download

파일 크기   2576.58 Kbytes
페이지   5 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH

FSA4159P6X-TP 데이터시트 (HTML) - TECH PUBLIC Electronics co LTD


FSA4159P6X-TP 제품 세부 정보

Features
« Low On-resistance, Ron=0.80Q (TYP)
« 1.8V Logic Compatible Control Pin
» Overrides VCC to Achieve True Isolation
Even When Supply Is Dead
« High Off-Isolation: -100dB @ 100KHz
» Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz
« High Bandwidth (-3dB @200MHz) Suitable
For USB2.0 High-Speed Routing
© Low Quiescent Current (<2uA) With Very
Wide Supply Range (1.5V ~ 5.5V)




유사한 부품 번호 - FSA4159P6X-TP

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSA4159P6X FAIRCHILD-FSA4159P6X Datasheet
312Kb / 13P
Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
FSA4159P6X FAIRCHILD-FSA4159P6X Datasheet
605Kb / 14P
Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
logo
ON Semiconductor
FSA4159P6X ONSEMI-FSA4159P6X Datasheet
846Kb / 16P
Low-Voltage, SPDT Analog Switch with Power-Off Isolation
December 2013 Rev. 1.0.6
More results


유사한 설명 - FSA4159P6X-TP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
Rev 2
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
Single-Pole Double-Throw Analog Switch
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com