전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX3007C 데이터시트 (PDF) - AXElite technology co. ltd

AX3007C Datasheet PDF - AXElite technology co. ltd
부품명 AX3007C
다운로드  AX3007C 다운로드
파일 크기   1117.24 Kbytes
페이지   15 Pages
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
상세설명 52KHz, 2A PWM Buck DC/DC Converter

AX3007C Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AX3007C Datasheet PDF - AXElite technology co. ltd

부품명 AX3007C
다운로드  AX3007C Click to download

파일 크기   1117.24 Kbytes
페이지   15 Pages
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
상세설명 52KHz, 2A PWM Buck DC/DC Converter

AX3007C 데이터시트 (HTML) - AXElite technology co. ltd


AX3007C 제품 세부 정보

 GENERAL DESCRIPTION
The AX3007C series are monolithic IC designed for a step-down DC/DC converter, and own the ability of driving a 2A load without additional transistor. It saves board space. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is against over current operating of the output switch. If current limit function occurs and VFB is down below 0.4V, the switching frequency will be reduced.
The AX3007C series operates at a switching frequency of 52KHz thus allow smaller sized filter components than what would be needed with lower frequency switching regulators. The output version is an adjustable type. The chips are available in standard SOP-8L, SOP-8L-EP, TO252-5L and TO263-5L packages.

 FEATURES
- Output voltage: adjustable and fixed output versions.
- Adjustable version output voltage range is VFB to 38V.
- 52KHz fixed switching frequency.
- Voltage mode non-synchronous PWM control.
- Thermal-shutdown and current-limit protection.
- ON/OFF shutdown control input.
- Short Circuit Protect (SCP).
- Operating voltage can be up to 40V.
- Output load current is up to 2A.
- SOP-8L, SOP-8L-EP, TO252-5L and TO263-5L Pb-Free packages.
- Low power standby mode.
- Built-in switching transistor on chip.
- RoHS and Halogen free compliance.




유사한 부품 번호 - AX3007C

제조업체부품명데이터시트상세설명
logo
AXElite technology co. ...
AX3007 AXELITE-AX3007 Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12ES AXELITE-AX3007-12ES Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12ESA AXELITE-AX3007-12ESA Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12M5 AXELITE-AX3007-12M5 Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
AX3007-12M5A AXELITE-AX3007-12M5A Datasheet
1Mb / 15P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.0 Oct.04 2019
More results


유사한 설명 - AX3007C

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
logo
TECHCODE SEMICONDUCTOR,...
TD2576 TECHCODE-TD2576 Datasheet
1Mb / 18P
3A 52KHz PWM Buck DC/DC Converter
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
TD3111 TECHCODE-TD3111 Datasheet
363Kb / 13P
2.2A 52KHZ 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
3A 52KHZ PWM Buck DC/DC Converter
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com