전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX6607-26B 데이터시트 (PDF) - AXElite technology co. ltd

AX6607-26B Datasheet PDF - AXElite technology co. ltd
부품명 AX6607-26B
다운로드  AX6607-26B 다운로드
파일 크기   588.31 Kbytes
페이지   12 Pages
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
상세설명 600mA LDO Linear Regulator with Shutdown

AX6607-26B Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AX6607-26B Datasheet PDF - AXElite technology co. ltd

부품명 AX6607-26B
다운로드  AX6607-26B Click to download

파일 크기   588.31 Kbytes
페이지   12 Pages
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
상세설명 600mA LDO Linear Regulator with Shutdown

AX6607-26B 데이터시트 (HTML) - AXElite technology co. ltd


AX6607-26B 제품 세부 정보

 GENERAL DESCRIPTION
The AX6607 is a low dropout, positive linear regulator with very low quiescent. It can supply 600mA output current. The BP pin with a 10nF bypass capacitor can help reduce the output noise level. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 50μA. In the shutdown mode, the maximum supply current is less than 2μA. The AX6607 regulator is able to operate with output capacitors as small as 1μF for stability. The AX6607 series are offering several fixed output voltage types including 1.2V, 1.5V, 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 3.0V, 3.3V and adjustable version. Built-in current-limit and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range : 2.6V~5.5V
- Adjustable and 1.2/1.5/1.8/2.5/2.6/2.7/2.8/3.0/3.3V fixed output voltages
- VOUT adjust range from VFB to 5.0V
- Guaranteed 600mA output current
- Very Low quiescent current at 50μA (typ.)
- Needs Only 1μF capacitor for Stability
- Maximum supply current in shutdown mode <2μA
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the SOT-23-5L and TDFN-6L Pb-Free Packages
- RoHS and Halogen free compliance.




유사한 부품 번호 - AX6607-26B

제조업체부품명데이터시트상세설명
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results


유사한 설명 - AX6607-26B

제조업체부품명데이터시트상세설명
logo
Rohm
BA00BC0WF ROHM-BA00BC0WF Datasheet
126Kb / 2P
LDO Regulator With Shutdown Circuit
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
600mA Low Dropout Linear Regulator with Shutdown
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
600mA Super LDO Linear Regulator
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
600mA Low Dropout Linear Regulator with Shutdown
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com