전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A1066DBVR-TP 데이터시트 (PDF) - TECH PUBLIC Electronics co LTD

TS5A1066DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
부품명 TS5A1066DBVR-TP
다운로드  TS5A1066DBVR-TP 다운로드
파일 크기   2589.57 Kbytes
페이지   5 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 SINGLE-CHANNEL 10Q SPST Analog Switches

TS5A1066DBVR-TP Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TS5A1066DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

부품명 TS5A1066DBVR-TP
다운로드  TS5A1066DBVR-TP Click to download

파일 크기   2589.57 Kbytes
페이지   5 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 SINGLE-CHANNEL 10Q SPST Analog Switches

TS5A1066DBVR-TP 데이터시트 (HTML) - TECH PUBLIC Electronics co LTD


TS5A1066DBVR-TP 제품 세부 정보

Features

» Low On-resistance, Ron=10Q

+ 1.8V Logic Compatible Control Pin

Overrides V+ to Achieve True Isolation
Even When Supply Is Dead

» High OffIsolation: -100dB @ 100KHz

» Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz

» High Bandwidth (-3dB @400MHz) Suitable
For USB2.0 High-Speed Routing

» Low Quiescent Current (<2uA) With Very

Wide Supply Range (1.5V ~ 5.5)




유사한 부품 번호 - TS5A1066DBVR-TP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A1066DBVR TI-TS5A1066DBVR Datasheet
220Kb / 19P
10 OHM SPST ANALOG SWITCH
TS5A1066DBVR TI-TS5A1066DBVR Datasheet
600Kb / 26P
10-W SPST ANALOG SWITCH
TS5A1066DBVRE4 TI-TS5A1066DBVRE4 Datasheet
600Kb / 26P
10-W SPST ANALOG SWITCH
TS5A1066DBVRG4 TI-TS5A1066DBVRG4 Datasheet
600Kb / 26P
10-W SPST ANALOG SWITCH
More results


유사한 설명 - TS5A1066DBVR-TP

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
SPST 4-Channel Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
3??Single SPST Analog Switches
Rev 0; 7/00
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
logo
BOWEI Integrated Circui...
HE017 BOWEI-HE017 Datasheet
103Kb / 1P
GaAs SPST Analog Switches
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
SPST CMOS ANALOG SWITCHES
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com