전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-24-75-F-P-G-S-H-10 데이터시트 (PDF) - Sensata Technologies, Inc.

D-24-75-F-P-G-S-H-10 Datasheet PDF - Sensata Technologies, Inc.
부품명 D-24-75-F-P-G-S-H-10
다운로드  D-24-75-F-P-G-S-H-10 다운로드
파일 크기   720.47 Kbytes
페이지   7 Pages
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
상세설명 PANEL MOUNT

D-24-75-F-P-G-S-H-10 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
D-24-75-F-P-G-S-H-10 Datasheet PDF - Sensata Technologies, Inc.

부품명 D-24-75-F-P-G-S-H-10
다운로드  D-24-75-F-P-G-S-H-10 Click to download

파일 크기   720.47 Kbytes
페이지   7 Pages
제조업체  SENSATA [Sensata Technologies, Inc.]
홈페이지  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
상세설명 PANEL MOUNT

D-24-75-F-P-G-S-H-10 데이터시트 (HTML) - Sensata Technologies, Inc.


D-24-75-F-P-G-S-H-10 제품 세부 정보

Features
• Ratings from 10A to 125A @ 24-280 VAC
• SCR output for heavy industrial loads
• Zero voltage or instantaneous turn-on outputs
• UL/CSA/TUV Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• AC or DC control
• Direct bond copper substrate
• EMC compliant to Level 3
• Direct power lead frame
• Epoxy free design




유사한 부품 번호 - D-24-75-F-P-G-S-H-10

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
D-200-0228 MACOM-D-200-0228 Datasheet
41Kb / 1P
1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0229 MACOM-D-200-0229 Datasheet
41Kb / 1P
1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0230 MACOM-D-200-0230 Datasheet
41Kb / 1P
1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0231 MACOM-D-200-0231 Datasheet
41Kb / 1P
1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
D-200-0232 MACOM-D-200-0232 Datasheet
41Kb / 1P
1 TO 1 SPLICES CRIMP, SOLDERSHIELD SPLICE KIT, SHIELDED CABLE 26 THRU 12 AWG, Ni PLATED
More results


유사한 설명 - D-24-75-F-P-G-S-H-10

제조업체부품명데이터시트상세설명
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com