전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TWL6032A1B4YFFR 데이터시트 (PDF) - Texas Instruments

TWL6032A1B4YFFR Datasheet PDF - Texas Instruments
부품명 TWL6032A1B4YFFR
다운로드  TWL6032A1B4YFFR 다운로드
파일 크기   281.43 Kbytes
페이지   11 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 TWL6032 Fully Integrated Power Management with Power Path and Battery Charger

TWL6032A1B4YFFR Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TWL6032A1B4YFFR Datasheet PDF - Texas Instruments

부품명 TWL6032A1B4YFFR
다운로드  TWL6032A1B4YFFR Click to download

파일 크기   281.43 Kbytes
페이지   11 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 TWL6032 Fully Integrated Power Management with Power Path and Battery Charger

TWL6032A1B4YFFR 데이터시트 (HTML) - Texas Instruments


TWL6032A1B4YFFR 제품 세부 정보

1.1 Features 1
• Five Highly Efficient Buck Converters
– One 3 MHz, 0.6 to 2.1 V at 5.0 A, DVS-Capable
– One 6 MHz, 0.6 to 2.1 V at 2.5 A, DVS-Capable
– Three 6 MHz, 0.6 to 2.1 V at 1.1 A, One Is DVS-
Capable
– Extended Mode for Higher Output Voltages
• 11 General-Purpose Low-Dropout Voltage
Regulators (LDOs)
– Six 1.0 to 3.3 V at 0.2 A With Battery or
Preregulated Supply:
• One Can be Used as Vibrator Driver
• One 1.0 to 3.3 V at 50 mA With Battery or
Preregulated Supply
• One Low-Noise 1.0 to 3.3 V at 50 mA With
Battery or Preregulated Supply
• One 3.3 V at 100 mA USB LDO
• Two LDOs for TWL6032 Internal Use
• USB OTG Module:
– ID Detection, Accessory Charger Adapter (ACA)
Support
– Accessory Detection Protocol (ADP) Support
• Backup Battery Charger
• 12-Bit Sigma-Delta Analog-to-Digital Converter
(ADC) With 19 Input Channels:
– Seven External Input Channels
• 13-Bit Coulomb Counter With Four Programmable
Integration Periods
• Low-Power Consumption:
– 8 μA in BACKUP State
– 20 μA in WAIT-ON State
– 110 μA in SLEEP State, With Two DC-DC
Converters Active
• Real-Time Clock (RTC) With Timer and Alarm
Wake-Up:
– Three Buffered 32-kHz Outputs
• SIM and SD/MMC Card Detections
• Two Digital PWM Outputs
• Thermal Monitoring:
– High-Temperature Warning
– Thermal Shutdown
• Control:
– Configurable Power-Up and Power-Down
Sequences (OTP Memory)
– Configurable Sequences Between SLEEP and
ACTIVE States (OTP Memory)
– Three Digital Output Signals that can be
Included in the Startup Sequence to Control
External Devices
– Two Inter-Integrated Circuit (I2C) Interfaces
– All Resources Configurable by I2C
• System Voltage Regulator and Battery Charger
With Power Path From USB:
– Input Current Limit to Comply With USB
Standard
– 3-MHz Switched-Mode Regulator With
Integrated Power FET for up to 2.0-A Current
– Dedicated Control Loop for Battery Current and
Voltage
– External Low-Ohmic FET for Power Path and
Battery Charging
– Boost Mode Operation for USB OTG
– Supplement Mode to Deliver Current From Battery During Power Path Operation
– Charger for Single-Cell Li-Ion and Li-Polymer
Battery Packs
– Safety Timer and Reset Control
– Thermal Protection
– Input/Output Overvoltage Protection
– Charging Indicator LED Driver
– Compliant With:
• USB 2.0
• OTG and EH 2.0
• USB Battery Charging 1.2
• YD/T 1591-2006
• Japanese Battery Charging Guidelines
(JEITA)
• Battery Voltage Range From 2.5 to 5.5 V
• Package 5.21-mm × 5.36-mm 155-Pin WCSP

1.2 Applications
• Mobile Phones and Smart Phones
• Tablets
• Gaming Handsets
• Portable Media Players
• Portable Navigation Systems
• Handheld Devices

1.3 Description
The TWL6032 device is an integrated power-management integrated circuit (PMIC) for applications
powered by a rechargeable battery. The device provides five configurable step-down converters with a
current capability of up to 5.0 A for memory, processor core, I/O, auxiliary, preregulation for LDOs, and so
forth. The device also contains nine LDO regulators for external use that can be supplied from a battery or
a preregulated supply. The power-up and power-down controller is configurable and can support any
power-up or power-down sequence (programmed in OTP memory). The RTC provides three 32-kHz clock
outputs: seconds, minutes, hours, day, month, and year information; as well as alarm wakeup and timer.
The TWL6032 device supports 32-kHz clock generation based on a crystal oscillator.
The device integrates a switched-mode system supply regulator from a USB connector. The switchedmode
regulator includes power paths from the USB and battery with supplemental mode for immediate
startup, even with an empty battery. The battery switch uses an external low-ohmic PMOS transistor
allowing minimal serial resistance during fast charging and when operating from battery. The device can
also be used without the external PMOS transistor; in this case, the battery is always tied to the system
supply and the switched-mode regulator is used for battery charging.
The TWL6032 device is available in a 155-pin WCSP package, 5.21 mm × 5.36 mm with a 0.4-mm ball
pitch.




유사한 부품 번호 - TWL6032A1B4YFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TWL6032A1B4YFFR TI1-TWL6032A1B4YFFR Datasheet
533Kb / 11P
Fully Integrated Power Management with Power Path and Battery Charger
TWL6032A1B4YFFR TI1-TWL6032A1B4YFFR Datasheet
725Kb / 11P
TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
More results


유사한 설명 - TWL6032A1B4YFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
Fully Integrated Power Management with Switch Mode Charger
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
Fully Integrated Power Management with Power Path and Battery Charger
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
. USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Texas Instruments
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com