전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54SH 데이터시트 (PDF) - Taiwan Semiconductor Company, Ltd

BAT54SH Datasheet PDF - Taiwan Semiconductor Company, Ltd
부품명 BAT54SH
다운로드  BAT54SH 다운로드
파일 크기   459.35 Kbytes
페이지   5 Pages
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
상세설명 200mA, 30V Dual Schottky Barrier Diode

BAT54SH Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
BAT54SH Datasheet PDF - Taiwan Semiconductor Company, Ltd

부품명 BAT54SH
다운로드  BAT54SH Click to download

파일 크기   459.35 Kbytes
페이지   5 Pages
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
상세설명 200mA, 30V Dual Schottky Barrier Diode

BAT54SH 데이터시트 (HTML) - Taiwan Semiconductor Company, Ltd


BAT54SH 제품 세부 정보

FEATURES
AEC-Q101 qualified
Fast switching speed
Low forward voltage
Surface mound device type
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Ultra high-speed switching
Line termination
Voltage clamping
Reverse polarity protection




유사한 부품 번호 - BAT54SH

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BAT54SH CYSTEKEC-BAT54SH Datasheet
229Kb / 6P
Small Signal Schottky diode
logo
Rohm
BAT54SHM ROHM-BAT54SHM Datasheet
715Kb / 7P
Schottky Barrier Diode
BAT54SHMFH ROHM-BAT54SHMFH Datasheet
948Kb / 6P
Schottky Barrier Diode
More results


유사한 설명 - BAT54SH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
logo
Torex Semiconductor
XBS024S15 TOREX-XBS024S15 Datasheet
72Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
XBS024S15-12 TOREX-XBS024S15-12 Datasheet
94Kb / 3P
Schottky Barrier Diode, 200mA, 40V Type
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
Schottky Barrier Diode, 200mA, 30V Type
logo
AiT Semiconductor Inc.
BAT54CW AITSEMI-BAT54CW Datasheet
445Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
BAT54W AITSEMI-BAT54W Datasheet
454Kb / 5P
SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
30V 200mA Schottky Diode
Rev 1.1 13/07/23
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com