전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

330015001 데이터시트 (PDF) - Molex Electronics Ltd.

330015001 Datasheet PDF - Molex Electronics Ltd.
부품명 330015001
다운로드  330015001 다운로드
파일 크기   65.81 Kbytes
페이지   6 Pages
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
상세설명 ServiceGrade Hand Crimp Tool for MX150 Crimp Terminals, 22-14 AWG

330015001 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
330015001 Datasheet PDF - Molex Electronics Ltd.

부품명 330015001
다운로드  330015001 Click to download

파일 크기   65.81 Kbytes
페이지   6 Pages
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
상세설명 ServiceGrade Hand Crimp Tool for MX150 Crimp Terminals, 22-14 AWG

330015001 데이터시트 (HTML) - Molex Electronics Ltd.


330015001 제품 세부 정보

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description ServiceGrade Hand Crimp Tool for
MX150 Crimp Terminals, 22-14
AWG
Comments ServiceGrade crimp hand tools are
low cost ratcheting hand tools used
in field repair for a limited number
of terminations. If a high quality
tool is required or a higher volume
of terminations required, please
purchase the corresponding
PremiumGrade crimp hand tool. A
ServiceGrade crimp tool may or
may not have a terminal locator
and in some case may need the
locator removed to operate
properly; Type: SERV GRADE
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name MX150,ServiceGrade
Tool Type Hand Crimp Tool
UPC 800756819716
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




유사한 부품 번호 - 330015001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
330015001 MOLEX-330015001 Datasheet
75Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 16-14 AWG
Jun 05, 2025
330015001 MOLEX-330015001 Datasheet
82Kb / 5P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals for 1.00mm² and 1.50mm² Metric Wires
Jun 05, 2025
More results


유사한 설명 - 330015001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0640160035 MOLEX11-0640160035 Datasheet
36Kb / 1P
ServiceGrade Hand Crimp Tool
0640160036 MOLEX11-0640160036 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool
0640160170 MOLEX11-0640160170 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
0640160200 MOLEX11-0640160200 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
0640160201 MOLEX11-0640160201 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
0640160205 MOLEX11-0640160205 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for .156 .062 Terminals
0638115900 MOLEX-0638115900 Datasheet
36Kb / 3P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 14-16 AWG
11/02/2021
0638192500 MOLEX-0638192500 Datasheet
39Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 22-28 AWG
11/02/2021
0638114400 MOLEX-0638114400 Datasheet
34Kb / 2P
PremiumGrade Hand Crimp Tool for MX150L Terminals, 14-22 AWG
08/26/2022
0638116000 MOLEX-0638116000 Datasheet
40Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 18-22 AWG
08/26/2022
More results




Molex Electronics Ltd. 에 대하여


Molex Electronics Ltd.는 Koch Industries, Inc.의 자회사이며 전자 및 광섬유 상호 연결 솔루션의 글로벌 제조업체입니다.

이 회사는 1938 년에 설립되었으며 일리노이 주 Lisle에 본사를두고 있습니다.

Molex는 커넥터, 케이블 어셈블리, 스위치 및 기타 수동 구성 요소를 포함한 광범위한 상호 연결 제품을 제공합니다.

이 제품은 자동차, 데이터 통신, 소비자 전자 제품, 산업 장비, 의료 기기 및 통신을 포함한 다양한 산업에서 사용됩니다.

40 개국 이상의 운영 및 시설을 통해 Molex는 인터커넥트 솔루션 시장에서 혁신 및 기술 리더십으로 유명합니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com