전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN54CBT3383W 데이터시트 (PDF) - Texas Instruments

SN54CBT3383W Datasheet PDF - Texas Instruments
부품명 SN54CBT3383W
다운로드  SN54CBT3383W 다운로드
파일 크기   580.08 Kbytes
페이지   24 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 SNx4CBT3383 10-Bit Bus-Exchange Switch

SN54CBT3383W Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SN54CBT3383W Datasheet PDF - Texas Instruments

부품명 SN54CBT3383W
다운로드  SN54CBT3383W Click to download

파일 크기   580.08 Kbytes
페이지   24 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 SNx4CBT3383 10-Bit Bus-Exchange Switch

SN54CBT3383W 데이터시트 (HTML) - Texas Instruments


SN54CBT3383W 제품 세부 정보

1 Features
1• High-Bandwidth Data Path (Up to 200 MHz)
• Low and Flat ON-State Resistance (r ON)
Characteristics Over Operating Range
(rON = 5 Ω Typical)
• Control Inputs Can Be Driven by TTL or 5-V and
3.3-V CMOS Outputs
• Bidirectional Data Flow With Near-Zero
Propagation Delay
• Low Input and Output Capacitance Minimizes
Loading and Signal Distortion (Cio(OFF) = 6 pF
Typical)
• VCC Operating Range From 4.5 V to 5 V
• Low Power Consumption (ICC = 50 μA Maximum)

2 Applications
• Enterprise Servers
• Ethernet Switches
• Routers
• Servers
• Industrial PCs

3 Description
The SN74CBT3383 and SN54CBT3383 devices
provide ten bits of high-speed TTL-compatible
bus switching or exchanging. The low ON-state
resistance of the switch allows connections to be
made with minimal propagation delay.
The devices operate as a 10-bit bus switch or a
5-bit bus exchanger, which provides swapping of
the A and B pairs of signals. The bus-exchange
function is selected when BX is high. The
switches are connected when BE is low.




유사한 부품 번호 - SN54CBT3383W

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54CBT3383W TI-SN54CBT3383W Datasheet
67Kb / 5P
10-BIT FET BUS-EXCHANGE SWITCHES
More results


유사한 설명 - SN54CBT3383W

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
Texas Instruments
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
10-Bit Bus-Exchange Switch
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com