전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F271Z1Q3 데이터시트 (PDF) - STMicroelectronics

ST10F271Z1Q3 Datasheet PDF - STMicroelectronics
부품명 ST10F271Z1Q3
다운로드  ST10F271Z1Q3 다운로드
파일 크기   3223.1 Kbytes
페이지   185 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM

ST10F271Z1Q3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ST10F271Z1Q3 Datasheet PDF - STMicroelectronics

부품명 ST10F271Z1Q3
다운로드  ST10F271Z1Q3 Click to download

파일 크기   3223.1 Kbytes
페이지   185 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM

ST10F271Z1Q3 데이터시트 (HTML) - STMicroelectronics


ST10F271Z1Q3 제품 세부 정보

Introduction

The ST10F271Z1 device is a derivative of the STMicroelectronics ST10 family of 16-bit single-chip CMOS microcontrollers.

The ST10F271Z1 combines high CPU performance (up to 32million instructions per second) with high peripheral functionality and enhanced I/O-capabilities. It also provides on chip high-speed single voltage Flash memory, on-chip high-speed RAM, and clock generation via PLL.



Features

■ 16-bit CPU with DSP functions

– 31.25ns instruction cycle time at 64MHz max CPU clock

– Multiply/accumulate unit (MAC) 16 x 16-bit multiplication, 40-bit accumulator

– Enhanced boolean bit manipulations

– Single-cycle context switching support

■ On-chip memories

– 128 Kbyte Flash memory (32-bit fetch)

– Single voltage Flash memories with erase/program controller and 100K erasing/programming cycles.

– Up to 16 Mbyte linear address space for code and data (5 Mbytes with CAN or I2C)

– 2 Kbyte internal RAM (IRAM)

– 10 Kbyte extension RAM (XRAM)

– Programmable external bus configuration & characteristics for different address ranges

– Five programmable chip-select signals

– Hold-acknowledge bus arbitration support

■ Interrupt

– 8-channel peripheral event controller for single cycle interrupt driven data transfer

– 16-priority-level interrupt system with 56 sources, sampling rate down to 15.6ns

■ Timers

– Two multi-functional general purpose timer units with 5 timers

■ Two 16-channel capture / compare units

■ 4-channel PWM unit + 4-channel XPWM

■ A/D converter

– 24-channel 10-bit

–3µs minimum conversion time

■ Serial channels

– Two synch. / asynch. serial channels

– Two high-speed synchronous channels

–One I2C standard interface

■ 2 CAN 2.0B interfaces operating on 1 or 2 CAN busses (64 or 2x32 message, C-CAN version)

■ Fail-safe protection

– Programmable watchdog timer

– Oscillator watchdog

■ On-chip bootstrap loader

■ Clock generation

– On-chip PLL with 4 to 8 MHz oscillator

– Direct or prescaled clock input

■ Real time clock and 32kHz on-chip oscillator

■ Up to 111 general purpose I/O lines

– Individually programmable as input, output or special function

– Programmable threshold (hysteresis)

■ Idle, power down and stand-by modes

■ Single voltage supply: 5V ±10%




유사한 부품 번호 - ST10F271Z1Q3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST10F271Z1Q3 STMICROELECTRONICS-ST10F271Z1Q3 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
More results


유사한 설명 - ST10F271Z1Q3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
29-Jun-2006
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
09-May-2007
ST10F272B STMICROELECTRONICS-ST10F272B Datasheet
1Mb / 181P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
20-Jul-2006
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
12-Jul-2006
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F272B STMICROELECTRONICS-ST10F272B_12 Datasheet
1Mb / 188P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
12-Dec-2008
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
More results




STMicroelectronics 에 대하여


Stmicroelectronics는 스위스 제네바에 본사를 둔 다국적 전자 및 반도체 제조업체입니다.

이 회사는 자동차, 산업 및 소비자 시장의 다양한 응용 프로그램을위한 마이크로 컨트롤러, 센서, 전력 증폭기 및 통합 회로를 포함한 다양한 제품을 제공합니다.

1987 년에 설립 된 Stmicroelectronics는 100 개 이상의 국가에서 운영되고 있으며 세계에서 가장 큰 반도체 회사 중 하나입니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.