전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q09CT-12 데이터시트 (PDF) - XP Power Limited

Q09CT-12 Datasheet PDF - XP Power Limited
부품명 Q09CT-12
다운로드  Q09CT-12 다운로드
파일 크기   2339.13 Kbytes
페이지   9 Pages
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited
상세설명 Q Series DC-HVDC C ONVERTER

Q09CT-12 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
Q09CT-12 Datasheet PDF - XP Power Limited

부품명 Q09CT-12
다운로드  Q09CT-12 Click to download

파일 크기   2339.13 Kbytes
페이지   9 Pages
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited
상세설명 Q Series DC-HVDC C ONVERTER

Q09CT-12 데이터시트 (HTML) - XP Power Limited


Q09CT-12 제품 세부 정보

Features
• Output voltages from 100VDC to 10,000VDC
• Output proportional to input
• 0.7VDC turn-on voltage
• Wide operating temperature range
• Short circuit protection
• Low ripple <1%
• 500VDC input to output isolation
• No minimum load
• 3 year warranty

Typical Applications
• Avalanche Photo Diodes
• Photo Multiplier Tubes
• Piezo Devices
• Sustaining Ion Pumps
• Electrophoresis
• Igniters
• Capacitor Charging




유사한 부품 번호 - Q09CT-12

제조업체부품명데이터시트상세설명
logo
XP Power Limited
Q09 XPPOWER-Q09 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Powerbox
Q09-12 POWERBOX-Q09-12 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q09-24 POWERBOX-Q09-24 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q09-5 POWERBOX-Q09-5 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
More results


유사한 설명 - Q09CT-12

제조업체부품명데이터시트상세설명
logo
Power-One
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
Q Series Data Sheet 66 ??132 Watt DC-DC Converters
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Astrodyne Corporation
ASD75-24S5Q ASTRODYNE-ASD75-24S5Q Datasheet
2Mb / 4P
75 Watt ASD-Q Single Series DC/DC Converters
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com