전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430FR5969IRGZR.A 데이터시트 (PDF) - Texas Instruments

MSP430FR5969IRGZR.A Datasheet PDF - Texas Instruments
부품명 MSP430FR5969IRGZR.A
다운로드  MSP430FR5969IRGZR.A 다운로드
파일 크기   3427.2 Kbytes
페이지   144 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 MSP430FR596x, MSP430FR594x Mixed-Signal Microcontrollers

MSP430FR5969IRGZR.A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MSP430FR5969IRGZR.A Datasheet PDF - Texas Instruments

부품명 MSP430FR5969IRGZR.A
다운로드  MSP430FR5969IRGZR.A Click to download

파일 크기   3427.2 Kbytes
페이지   144 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 MSP430FR596x, MSP430FR594x Mixed-Signal Microcontrollers

MSP430FR5969IRGZR.A 데이터시트 (HTML) - Texas Instruments


MSP430FR5969IRGZR.A 제품 세부 정보

1.1 Features 1
(1) RTC is clocked by a 3.7-pF crystal.
• Embedded Microcontroller
– 16-Bit RISC Architecture up to 16‑MHz Clock
– Wide Supply Voltage Range From 3.6 V Down
to 1.8 V (Minimum Supply Voltage is Restricted
by SVS Levels, See the SVS Specifications)
• Optimized Ultra-Low-Power Modes
– Active Mode: Approximately 100 μA/MHz
– Standby (LPM3 With VLO): 0.4 μA (Typical)
– Real-Time Clock (LPM3.5): 0.25 μA (Typical) (1)
– Shutdown (LPM4.5): 0.02 μA (Typical)
• Ultra-Low-Power Ferroelectric RAM (FRAM)
– Up to 64KB of Nonvolatile Memory
– Ultra-Low-Power Writes
– Fast Write at 125 ns Per Word (64KB in 4 ms)
– Unified Memory = Program + Data + Storage in
One Single Space
– 1015 Write Cycle Endurance
– Radiation Resistant and Nonmagnetic
• Intelligent Digital Peripherals
– 32-Bit Hardware Multiplier (MPY)
– 3-Channel Internal DMA
– Real-Time Clock (RTC) With Calendar and
Alarm Functions
– Five 16-Bit Timers With up to Seven
Capture/Compare Registers Each
– 16-Bit Cyclic Redundancy Checker (CRC)
• High-Performance Analog
– 16-Channel Analog Comparator
– 12-Bit Analog-to-Digital Converter (ADC)
With Internal Reference and Sample-and-Hold
and up to 16 External Input Channels
• Multifunction Input/Output Ports
– All Pins Support Capacitive Touch Capability
With No Need for External Components
– Accessible Bit-, Byte-, and Word-Wise (in Pairs)
– Edge-Selectable Wake From LPM on All Ports
– Programmable Pullup and Pulldown on All Ports
• Code Security and Encryption
– 128-Bit or 256-Bit AES Security Encryption and
Decryption Coprocessor
– Random Number Seed for Random Number
Generation Algorithms
• Enhanced Serial Communication
– eUSCI_A0 and eUSCI_A1 Support
– UART With Automatic Baud-Rate Detection
– IrDA Encode and Decode
– SPI
– eUSCI_B0 Supports
– I2C With Multiple Slave Addressing
– SPI
– Hardware UART and I2C Bootloader (BSL)
• Flexible Clock System
– Fixed-Frequency DCO With 10 Selectable
Factory-Trimmed Frequencies
– Low-Power Low-Frequency Internal Clock
Source (VLO)
– 32-kHz Crystals (LFXT)
– High-Frequency Crystals (HFXT)
• Development Tools and Software
– Free Professional Development Environments
With EnergyTrace++™ Technology
– Development Kit (MSP-TS430RGZ48C)
• Family Members
– Device Comparison Summarizes the Available
Device Variants and Package Types
• For Complete Module Descriptions, See the
MSP430FR58xx, MSP430FR59xx, and
MSP430FR6xx Family User's Guide

1.2 Applications
• Metering
• Energy Harvested Sensor Nodes
• Wearable Electronics
• Sensor Management
• Data Logging

1.3 Description
The MSP430™ ultra-low-power (ULP) FRAM platform combines uniquely embedded FRAM and a holistic
ultra-low-power system architecture, allowing innovators to increase performance at lowered energy
budgets. FRAM technology combines the speed, flexibility, and endurance of SRAM with the stability and
reliability of flash at much lower power.
The MSP430 ULP FRAM portfolio consists of a diverse set of devices featuring FRAM, the ULP 16-bit
MSP430 CPU, and intelligent peripherals targeted for various applications. The ULP architecture
showcases seven low-power modes, optimized to achieve extended battery life in energy-challenged
applications.




유사한 부품 번호 - MSP430FR5969IRGZR.A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430FR5969IRGZR TI1-MSP430FR5969IRGZR Datasheet
2Mb / 132P
Mixed-Signal Microcontrollers
More results


유사한 설명 - MSP430FR5969IRGZR.A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com