전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NANOSMDC075F 데이터시트 (PDF) - TE Connectivity Ltd

NANOSMDC075F Datasheet PDF - TE Connectivity Ltd
부품명 NANOSMDC075F
다운로드  NANOSMDC075F 다운로드
파일 크기   308.63 Kbytes
페이지   20 Pages
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
상세설명 Surface-mount Devices

NANOSMDC075F Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NANOSMDC075F Datasheet PDF - TE Connectivity Ltd

부품명 NANOSMDC075F
다운로드  NANOSMDC075F Click to download

파일 크기   308.63 Kbytes
페이지   20 Pages
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
상세설명 Surface-mount Devices

NANOSMDC075F 데이터시트 (HTML) - TE Connectivity Ltd


NANOSMDC075F 제품 세부 정보

Benefits
• Smaller size saves board space and cost
• Many product choices give engineers more design
flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications

Features
• RoHS compliant
• Halogen free
(refers to: Br900ppm, Cl900ppm, Br+Cl1500ppm)
• Broadest range of resettable devices available in the
industry
• Current ratings from 0.05 to 3A
• Voltage ratings from 6V computer and electronic
applications to 60V telecom applications
• Agency recognition: UL, CSA, TÜV
• Small footprint
• Fast time-to-trip
• Low resistance

Applications
• Computer
• Portable electronics
• Multimedia
• Game machines
• Telephony and broadband
• Mobile phones
• Automotive
• Industrial controls
• Battery




유사한 부품 번호 - NANOSMDC075F

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
NANOSMDC075F MACOM-NANOSMDC075F Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
nanoSMDC075F MACOM-nanoSMDC075F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
nanoSMDC075F MACOM-nanoSMDC075F Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
NANOSMDC075F MACOM-NANOSMDC075F Datasheet
299Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
NANOSMDC075F LITTELFUSE-NANOSMDC075F Datasheet
98Kb / 2P
PolySwitch PTC Devices
More results


유사한 설명 - NANOSMDC075F

제조업체부품명데이터시트상세설명
logo
StarHope
USM SPSEMI-USM Datasheet
280Kb / 2P
Surface Mount Devices
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
Surface-mount Devices
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com