전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF5400 데이터시트 (PDF) - Galaxy Semi-Conductor Holdings Limited

UF5400 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
부품명 UF5400
다운로드  UF5400 다운로드
파일 크기   87.42 Kbytes
페이지   2 Pages
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
상세설명 ULTRA FAST RECTIFIER

UF5400 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
UF5400 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

부품명 UF5400
다운로드  UF5400 Click to download

파일 크기   87.42 Kbytes
페이지   2 Pages
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
상세설명 ULTRA FAST RECTIFIER

UF5400 데이터시트 (HTML) - Galaxy Semi-Conductor Holdings Limited


UF5400 제품 세부 정보

VOLTAGE  RANGE:  50 --- 1000 V

CURRENT: 3.0 A



FEATURES

Low cost

Low leakage

Low forward voltage drop

High current capability

Easily cleaned with alcohol,Isopropanol and similar solvents

The plastic material carries U/L recognition 94V-0




유사한 부품 번호 - UF5400

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
UF5400 JGD-UF5400 Datasheet
159Kb / 2P
3.0 AMP. ULTRA FAST RECTIFIERS
logo
Dc Components
UF5400 DCCOM-UF5400 Datasheet
413Kb / 2P
TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
logo
General Semiconductor
UF5400 GE-UF5400 Datasheet
38Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Micro Commercial Compon...
UF5400 MCC-UF5400 Datasheet
82Kb / 3P
3 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
Ultrafast Switching Si-Rectifiers
More results


유사한 설명 - UF5400

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com