전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMAD1596 데이터시트 (PDF) - Infinite Electronics International, Inc.

FMAD1596 Datasheet PDF - Infinite Electronics International, Inc.
부품명 FMAD1596
다운로드  FMAD1596 다운로드
파일 크기   619.25 Kbytes
페이지   3 Pages
제조업체  FAIRVIEW [Infinite Electronics International, Inc.]
홈페이지  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
상세설명 RF Adapter, 45 Degree Angle N plug to N plug 18GHz VSWR1.2

FMAD1596 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
FMAD1596 Datasheet PDF - Infinite Electronics International, Inc.

부품명 FMAD1596
다운로드  FMAD1596 Click to download

파일 크기   619.25 Kbytes
페이지   3 Pages
제조업체  FAIRVIEW [Infinite Electronics International, Inc.]
홈페이지  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
상세설명 RF Adapter, 45 Degree Angle N plug to N plug 18GHz VSWR1.2

FMAD1596 데이터시트 (HTML) - Infinite Electronics International, Inc.


FMAD1596 제품 세부 정보

Features:
• VSWR of 1.2:1 max
up to 18 GHz
• Gold over Nickel Plated
Beryllium Copper Contact




유사한 부품 번호 - FMAD1596

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
FMAD1590 FAIRVIEW-FMAD1590 Datasheet
603Kb / 3P
RF Adapter, 45 Degree Angle 2.92mm plug to 2.92mm plug 40GHz VSWR1.15
REV 1 A
FMAD1591 FAIRVIEW-FMAD1591 Datasheet
604Kb / 3P
RF Adapter, 45 Degree Angle 2.92mm plug to 2.92mm jack 40GHz VSWR1.15
REV 1 A
FMAD1592 FAIRVIEW-FMAD1592 Datasheet
614Kb / 3P
RF Adapter, 45 Degree Angle 2.92mm jack to 2.92mm jack 40GHz VSWR1.15
REV 1 A
FMAD1593 FAIRVIEW-FMAD1593 Datasheet
603Kb / 3P
RF Adapter, 45 Degree Angle SMA plug to SMA plug 27GHz VSWR1.15
REV 1 A
FMAD1594 FAIRVIEW-FMAD1594 Datasheet
607Kb / 3P
RF Adapter, 45 Degree Angle SMA plug to SMA jack 27GHz VSWR1.15
REV 1 A
More results


유사한 설명 - FMAD1596

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
73046 POMONA-73046 Datasheet
111Kb / 1P
N Type Jack to TNC Plug Adapter
logo
Pasternack Enterprises,...
PE9314 PASTERNACK-PE9314 Datasheet
248Kb / 2P
N Male to SMB Plug Adapter
PE9316 PASTERNACK-PE9316 Datasheet
257Kb / 3P
N Female to SMB Plug Adapter
PE9318 PASTERNACK-PE9318 Datasheet
248Kb / 2P
N Male to SMC Plug Adapter
PE9320 PASTERNACK-PE9320 Datasheet
247Kb / 2P
N Female to SMC Plug Adapter
PE9463 PASTERNACK-PE9463 Datasheet
248Kb / 2P
N Female to MCX Plug Adapter
PE9465 PASTERNACK-PE9465 Datasheet
249Kb / 2P
N Male to MCX Plug Adapter
logo
List of Unclassifed Man...
1053646-1 ETC2-1053646-1 Datasheet
35Kb / 1P
TYPE N PLUG TO OSM PLUG ADAPTER
1319505 ETC2-1319505 Datasheet
81Kb / 1P
SMA JACK TO N PLUG ADAPTER
logo
Molex Electronics Ltd.
0733860112 MOLEX-0733860112 Datasheet
29Kb / 1P
50 Ohms, RF Adapter N Jack to SMA Plug
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com