전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJW4155 데이터시트 (PDF) - Nisshinbo Micro Devices Inc.

NJW4155 Datasheet PDF - Nisshinbo Micro Devices Inc.
부품명 NJW4155
다운로드  NJW4155 다운로드
파일 크기   445.08 Kbytes
페이지   25 Pages
제조업체  NISSHINBO [Nisshinbo Micro Devices Inc.]
홈페이지  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
상세설명 Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter

NJW4155 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NJW4155 Datasheet PDF - Nisshinbo Micro Devices Inc.

부품명 NJW4155
다운로드  NJW4155 Click to download

파일 크기   445.08 Kbytes
페이지   25 Pages
제조업체  NISSHINBO [Nisshinbo Micro Devices Inc.]
홈페이지  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
상세설명 Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter

NJW4155 데이터시트 (HTML) - Nisshinbo Micro Devices Inc.


NJW4155 제품 세부 정보

FEATURES
Current Mode Control
External Clock Synchronization
Wide Operating Voltage Range 4.5V to 40V
Switching Current 2.7A min.
PWM Control
Built-in Compensation Circuit
Correspond to Ceramic Capacitor (MLCC)
Oscillating Frequency 450kHz typ. (A, D ver.)
300kHz typ. (B ver.)
Soft Start Function 4ms typ.
UVLO (Under Voltage Lockout)
Over Current Protection (Hiccup type)
Thermal Shutdown Protection
Power Good Function (NJW4155GM1 only)
Standby Function
Package Outline NJW4155GM1 : HSOP8
NJW4155DL3 : TO-252-5




유사한 부품 번호 - NJW4155

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJW4155 NJRC-NJW4155 Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4155DL3-B NJRC-NJW4155DL3-B Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4155GM1-A NJRC-NJW4155GM1-A Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4155GM1-B NJRC-NJW4155GM1-B Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4155GM1-C NJRC-NJW4155GM1-C Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
More results


유사한 설명 - NJW4155

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
Switching Regulator IC for Buck Converter
NJW4155 NJRC-NJW4155 Datasheet
539Kb / 25P
Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
MOSFET Drive Switching Regulator IC for Buck Converter
NJW4170 NJRC-NJW4170 Datasheet
476Kb / 24P
Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com