전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCCA30004-FT10 데이터시트 (PDF) - Infinite Electronics International, Inc.

LCCA30004-FT10 Datasheet PDF - Infinite Electronics International, Inc.
부품명 LCCA30004-FT10
다운로드  LCCA30004-FT10 다운로드
파일 크기   408.6 Kbytes
페이지   5 Pages
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
상세설명 SMA Male Right Angle to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 10.0 ft

LCCA30004-FT10 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
LCCA30004-FT10 Datasheet PDF - Infinite Electronics International, Inc.

부품명 LCCA30004-FT10
다운로드  LCCA30004-FT10 Click to download

파일 크기   408.6 Kbytes
페이지   5 Pages
제조업체  L-COM [Infinite Electronics International, Inc.]
홈페이지  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
상세설명 SMA Male Right Angle to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 10.0 ft

LCCA30004-FT10 데이터시트 (HTML) - Infinite Electronics International, Inc.


LCCA30004-FT10 제품 세부 정보

Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
• Wire Braid over Spiral Strip Shield
• Flexible Alternative to .141 Semi-Rigid
• Heavy Duty Heat Shrink Strain Relief Boot
• Precision Stainless Steel Connectors
Applications
• General Purpose
• Laboratory Use
• Flexible RF Interconnect
• Automated (ATE) Test Systems

Description
L-com’s Cable Assembly LCCA30004 is an SMA male right angle to SMA male right angle, 10.0 ft cable using 402SS Series coax with
Heavy Duty Boot that ships same-day. L-com’s flexible RF cable assemblies are ideal for applications where tight bends and flexure are
required. This L-com SMA to SMA cable assembly has a male to male gender configuration with 50 ohm flexible 402SS Series coax
and operates to 18 GHz. The right angle SMA interface on the 402SS Series cable allows for easier connections in tight spaces. Highly
durable stainless-steel connectors and heavy-duty booting extend the life of this versatile flexible cable assembly. The double shield
includes a silver plated copper braid over a silver plated copper spiral strip providing excellent shielding effectiveness greater than 110dB.
Custom versions of this cable assembly along with the rest of L-com’s RF cable assemblies can be built and shipped same day. Other
available RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom labeling. RF
testing can also be performed to document the electrical performance of your cable assembly. Contact a sales representative for custom
cable quotes.




유사한 부품 번호 - LCCA30004-FT10

제조업체부품명데이터시트상세설명
logo
Infinite Electronics In...
LCCA30004-FT1 L-COM-LCCA30004-FT1 Datasheet
417Kb / 5P
SMA Male R.A. to SMA Male R.A. Cable Using 402SS Series Coax with Heavy Duty Boot, 1.0 ft
10/09/2019
LCCA30004-FT1.5 L-COM-LCCA30004-FT1.5 Datasheet
417Kb / 5P
SMA Male R.A. to SMA Male R.A. Cable Using 402SS Series Coax with Heavy Duty Boot, 1.5 ft
10/09/2019
More results


유사한 설명 - LCCA30004-FT10

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE35418 PASTERNACK-PE35418 Datasheet
241Kb / 4P
SMA Male to SMA Male Right Angle Precision Cable Using 150 Series Coax, RoHS
PE35424 PASTERNACK-PE35424 Datasheet
231Kb / 3P
SMA Male Right Angle to SMA Male Right Angle Precision Cable Using 165 Series Coax, RoHS
PE3CA1040 PASTERNACK-PE3CA1040 Datasheet
373Kb / 5P
SMA Male to SMA Male Right Angle Cable Using PE-086FLEX Coax, RoHS
PE3C0055 PASTERNACK-PE3C0055 Datasheet
333Kb / 3P
SMA Male to SMA Male Right Angle Cable Using LMR-240 Coax
PE35422 PASTERNACK-PE35422 Datasheet
229Kb / 3P
SMA Male Right Angle to SMA Male Right Angle
PE3C1425 PASTERNACK-PE3C1425 Datasheet
400Kb / 5P
SMA Male Right Angle to SMA Male Right Angle Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3350 PASTERNACK-PE3C3350 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG316 Coax
PE3C3350LF PASTERNACK-PE3C3350LF Datasheet
366Kb / 4P
BNC Male to SMA Male Right Angle Cable Using RG316 Coax
PE3C3437 PASTERNACK-PE3C3437 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG188 Coax
PE3C3448 PASTERNACK-PE3C3448 Datasheet
367Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG174 Coax
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com