전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P9308V8IRSKR 데이터시트 (PDF) - Texas Instruments

P9308V8IRSKR Datasheet PDF - Texas Instruments
부품명 P9308V8IRSKR
다운로드  P9308V8IRSKR 다운로드
파일 크기   2039.11 Kbytes
페이지   86 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 ADS9308V8I 24-Bit, 16-Channel, Simultaneous-Sampling, Precision ADC for Voltage ADS9308V8I 24-Bit, 16-Channel, Simultaneous-Sampling, Precision ADC for Voltage

P9308V8IRSKR Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
P9308V8IRSKR Datasheet PDF - Texas Instruments

부품명 P9308V8IRSKR
다운로드  P9308V8IRSKR Click to download

파일 크기   2039.11 Kbytes
페이지   86 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 ADS9308V8I 24-Bit, 16-Channel, Simultaneous-Sampling, Precision ADC for Voltage ADS9308V8I 24-Bit, 16-Channel, Simultaneous-Sampling, Precision ADC for Voltage

P9308V8IRSKR 데이터시트 (HTML) - Texas Instruments


P9308V8IRSKR 제품 세부 정보

1 Features
• 16-channel, 24-bit simultaneous sampling ADC
– 8 current sense and 8 voltage sense inputs
– Data rate up to 125kSPS on each channel
• Programmable zero-drift current sense amplifier
– Differential input impedance (ZIN): 0.5MΩ
– Input offset drift: 0.1μV/°C
– Gain drift: 5ppm/°C
– Input range: ±25mV, ±50mV, ±100mV, ±150mV, ±200mV
– Common mode range: ±18V
• Programmable voltage sense amplifier
– Input impedance: 1MΩ
– Input offset drift: 1ppm/°C
– Gain drift: 0.8ppm/°C
– Input range: ±50V, ±25V, ±12.5V, ±10V, ±6.25V, ±5V, ±2.5V
– Supports single-ended and differential inputs
– Common mode range: ±12.5V
• Power Supply
– Analog supplies: 5V and 1.8V
– Digital I/O supply: 1.8V to 3.3V
• Temperature range: –40°C to +125°C




유사한 부품 번호 - P9308V8IRSKR

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
P930 HAMAMATSU-P930 Datasheet
143Kb / 2P
CdS photoconductive cell
More results


유사한 설명 - P9308V8IRSKR

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7770 AD-AD7770 Datasheet
1Mb / 94P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. A
AD7779 AD-AD7779 Datasheet
1Mb / 97P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. 0
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. A
AD7771 AD-AD7771 Datasheet
357Kb / 14P
8-Ch, 24-Bit Simultaneous Sampling ADC
Rev. PrC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. C
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
AD4134 AD-AD4134 Datasheet
4Mb / 92P
24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
11/2021-Revision 0
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com