전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO62810BEAAWL5 데이터시트 (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO62810BEAAWL5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
부품명 DIO62810BEAAWL5
다운로드  DIO62810BEAAWL5 다운로드
파일 크기   2497.01 Kbytes
페이지   23 Pages
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
상세설명 High-Efficiency, Extremely Small, 600 mA, Synchronous Step-Down Converter

DIO62810BEAAWL5 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DIO62810BEAAWL5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

부품명 DIO62810BEAAWL5
다운로드  DIO62810BEAAWL5 Click to download

파일 크기   2497.01 Kbytes
페이지   23 Pages
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
상세설명 High-Efficiency, Extremely Small, 600 mA, Synchronous Step-Down Converter

DIO62810BEAAWL5 데이터시트 (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO62810BEAAWL5 제품 세부 정보

 Features
 2.5 V to 5.5 V input voltage range
 Output voltage application:
0.9 V to 1.8 V (± 2%)
 600 mA output current capability
 Low operating quiescent current:
14 μA (DIO62820)
 Efficiency (fOSC = 5 MHz): 88% (VOUT = 1.2 V)
 Oscillation frequency: 4 MHz, 5 MHz
 Operation mode:
- DIO62810: PWM control
- DIO62820: PWM/PFM auto
 Applications
 Camera modules
 Wearable devices
 Smart phones / mobile phones
 Wireless earphones / headsets
 Various small power sources
 Description
The DIO62810/DIO62820 are high-efficiency,
high-frequency synchronous step-down DC-DC
regulator ICs, capable of delivering up to 5 MHz
oscillation frequency, which allows using 1 μH coil
with a size of 2.0 mm × 1.6 mm and 1.0 mm × 0.5
mm ceramic capacitors for the input capacitance
(CIN) and the output capacitance (COUT).
The DIO62810 operates in continuous conduction
mode under PWM (Pulse Width Modulation) control,
and operates at a stable oscillation frequency
regardless of load. Under the PWM/PFM automatic
switching control, the DIO62820 works in
discontinuous conduction mode under light load to
reduce the oscillation frequency at light load.
The device adopts high-frequency switch control,
which reduces the size of peripheral devices. It is
available in the packages of DFN-6 (1.2 mm × 1.2
mm) and WLCSP-5 (0.77 mm × 0.93 mm).




유사한 부품 번호 - DIO62810BEAAWL5

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO62810BEAAWL5 DIOO-DIO62810BEAAWL5 Datasheet
2Mb / 23P
High-Efficiency, Extremely Small, 600 mA, Synchronous Step-Down Converter
Version 1.3, Aug 2024
More results


유사한 설명 - DIO62810BEAAWL5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com