전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO69301 데이터시트 (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO69301 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
부품명 DIO69301
다운로드  DIO69301 다운로드
파일 크기   884.8 Kbytes
페이지   11 Pages
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
상세설명 High-Efficiency 3A, 24V Input Synchronous Step Down Converter

DIO69301 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DIO69301 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

부품명 DIO69301
다운로드  DIO69301 Click to download

파일 크기   884.8 Kbytes
페이지   11 Pages
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
상세설명 High-Efficiency 3A, 24V Input Synchronous Step Down Converter

DIO69301 데이터시트 (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO69301 제품 세부 정보

Features
 Low RDS(ON) for internal switches (top/bottom)
80mΩ/40mΩ, 3.0A
 4.5-24V input voltage range
 High-Efficiency Synchronous-Mode
 Internal soft start limits the inrush current
 Over Current protection
 Thermal shutdown
 Available in TSOT23-6 packages
Applications
 Portable Navigation Device
 Set Top Box
 Portable TV
 LCD TV
Descriptions
The DIO69301 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 3A output currents.
The DIO69301 family operate over a wide input
voltage range from 4.5V to 24V and integrate main
switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss.
The COT architecture with Pseudo fixed switching
frequency operation provides fast transient
response and eases loop stabilization. Protection
features include over-current protection and
thermal shutdown.
The DIO69301 requires a minimal number of
readily-available, standard, external components
and is available in a space-saving TSOT23-6
package.




유사한 부품 번호 - DIO69301

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO6930 DIOO-DIO6930 Datasheet
1Mb / 10P
High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.5
DIO69309 DIOO-DIO69309 Datasheet
1Mb / 12P
High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
Rev 1.6
DIO69309TST6 DIOO-DIO69309TST6 Datasheet
1Mb / 12P
High-Efficiency 3 A, 24 V Input Synchronous Step Down Converter
Rev 1.6
DIO6930TST6 DIOO-DIO6930TST6 Datasheet
1Mb / 10P
High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.5
More results


유사한 설명 - DIO69301

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MPQ2325 MPS-MPQ2325 Datasheet
1Mb / 17P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315 MPS-MP2315 Datasheet
657Kb / 18P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com