전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2G07B-Q1 데이터시트 (PDF) - Texas Instruments

SN74LVC2G07B-Q1 Datasheet PDF - Texas Instruments
부품명 SN74LVC2G07B-Q1
다운로드  SN74LVC2G07B-Q1 다운로드
파일 크기   1091.5 Kbytes
페이지   23 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 SN74LVC2G07B-Q1 Automotive Dual Open-Drain Buffer

SN74LVC2G07B-Q1 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SN74LVC2G07B-Q1 Datasheet PDF - Texas Instruments

부품명 SN74LVC2G07B-Q1
다운로드  SN74LVC2G07B-Q1 Click to download

파일 크기   1091.5 Kbytes
페이지   23 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 SN74LVC2G07B-Q1 Automotive Dual Open-Drain Buffer

SN74LVC2G07B-Q1 데이터시트 (HTML) - Texas Instruments


SN74LVC2G07B-Q1 제품 세부 정보

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
• Operating range from 1.1V to 5.5V
• 5.5V tolerant input pins
• Supports standard pinouts
• Latch-up performance exceeds 100mA per JESD 78




유사한 부품 번호 - SN74LVC2G07B-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
496Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07 Datasheet
708Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
2Mb / 31P
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
logo
Guangdong Youtai Semico...
SN74LVC2G07 UMW-SN74LVC2G07 Datasheet
719Kb / 9P
SN74LVC2G07
More results


유사한 설명 - SN74LVC2G07B-Q1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NL27WZ07 ONSEMI-NL27WZ07 Datasheet
60Kb / 6P
Dual Buffer with Open Drain Outputs
April, 2004 ??Rev. 7
NL27WZ07 ONSEMI-NL27WZ07_07 Datasheet
78Kb / 6P
Dual Buffer with Open Drain Outputs
February, 2007 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW07A RENESAS-HD74LV1GW07A Datasheet
75Kb / 6P
Dual Buffer Open Drain
logo
ON Semiconductor
NLX2G07 ONSEMI-NLX2G07 Datasheet
95Kb / 8P
Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
NL27WZ07 ONSEMI-NL27WZ07_08 Datasheet
122Kb / 6P
Dual Buffer with Open Drain Outputs
August, 2008 ??Rev. 11
NL27WZ07 ONSEMI-NL27WZ07_12 Datasheet
116Kb / 6P
Dual Buffer with Open Drain Outputs
April, 2012 ??Rev. 15
NLU2G07 ONSEMI-NLU2G07_12 Datasheet
137Kb / 10P
Dual Non-Inverting Buffer, Open Drain
July, 2012 ??Rev. 4
logo
Renesas Technology Corp
HD74LV1GW07A RENESAS-HD74LV1GW07A_15 Datasheet
156Kb / 7P
Dual Buffer Open Drain
logo
ON Semiconductor
NLU2G07 ONSEMI-NLU2G07_16 Datasheet
72Kb / 7P
Dual Non-Inverting Buffer, Open Drain
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC1G07-Q1 TI1-SN74LVC1G07-Q1_V01 Datasheet
1Mb / 21P
SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com