전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KW3 C3LPL3.TK-6TTC-5L16M1 데이터시트 (PDF) - ams-OSRAM AG

KW3 C3LPL3.TK-6TTC-5L16M1 Datasheet PDF - ams-OSRAM AG
부품명 KW3 C3LPL3.TK-6TTC-5L16M1
다운로드  KW3 C3LPL3.TK-6TTC-5L16M1 다운로드
파일 크기   2178.59 Kbytes
페이지   24 Pages
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
상세설명 OSLON™ Submount PL

KW3 C3LPL3.TK-6TTC-5L16M1 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
KW3 C3LPL3.TK-6TTC-5L16M1 Datasheet PDF - ams-OSRAM AG

부품명 KW3 C3LPL3.TK-6TTC-5L16M1
다운로드  KW3 C3LPL3.TK-6TTC-5L16M1 Click to download

파일 크기   2178.59 Kbytes
페이지   24 Pages
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
상세설명 OSLON™ Submount PL

KW3 C3LPL3.TK-6TTC-5L16M1 데이터시트 (HTML) - ams-OSRAM AG


KW3 C3LPL3.TK-6TTC-5L16M1 제품 세부 정보

Applications
- Headlights
Features
- Package: compact lightsource in multi chip on board technology
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.318, Cy = 0.331 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





유사한 부품 번호 - KW3 C3LPL3.TK-6TTC-5L16M1

제조업체부품명데이터시트상세설명
logo
ams-OSRAM AG
KW3 C3LNL3.TK-T5TB-5L16M1 AMSOSRAM-KW3 C3LNL3.TK-T5TB-5L16M1 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.3 2026-03-05
KW3 C3LNL3.TK-T5TB-5L25M2 AMSOSRAM-KW3 C3LNL3.TK-T5TB-5L25M2 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.3 2026-03-05
KW3 C3LNL3.TK-T5TB-5L35M3 AMSOSRAM-KW3 C3LNL3.TK-T5TB-5L35M3 Datasheet
2Mb / 24P
OSLON™ Submount PL
Version 1.3 2026-03-05
More results


유사한 설명 - KW3 C3LPL3.TK-6TTC-5L16M1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
OSLON Compact PL
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
OSLON Compact PL
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com