전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD551 데이터시트 (PDF) - Texas Instruments

ESD551 Datasheet PDF - Texas Instruments
부품명 ESD551
다운로드  ESD551 다운로드
파일 크기   1314.45 Kbytes
페이지   17 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 ESD551 1-Channel ±30kV Bidirectional ESD Diode in an 0402 Package

ESD551 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ESD551 Datasheet PDF - Texas Instruments

부품명 ESD551
다운로드  ESD551 Click to download

파일 크기   1314.45 Kbytes
페이지   17 Pages
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments
상세설명 ESD551 1-Channel ±30kV Bidirectional ESD Diode in an 0402 Package

ESD551 데이터시트 (HTML) - Texas Instruments


ESD551 제품 세부 정보

1 Features
• IEC 61000-4-2 level 4 ESD protection
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection
– 7A (8/20μs)
• IO capacitance:
– 2.8pF (typical)
• Ultra low leakage current: 100nA (maximum)
• Space-saving industry standard 0402 footprint (1.0mm × 0.6mm)




유사한 부품 번호 - ESD551

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ESD551-Q1 TI2-ESD551-Q1 Datasheet
1Mb / 17P
ESD551-Q1 1-Channel Automotive ±30kV Bidirectional ESD Diode in an 0402 Package
AUGUST 2026
ESD551DPYRQ1 TI2-ESD551DPYRQ1 Datasheet
1Mb / 17P
ESD551-Q1 1-Channel Automotive ±30kV Bidirectional ESD Diode in an 0402 Package
AUGUST 2026
More results


유사한 설명 - ESD551

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
Single-Channel ESD Protection Diode in 0402 Package
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD451 TI-ESD451 Datasheet
685Kb / 12P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441 Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441_V01 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI-ESD451_V01 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com