전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1401K 데이터시트 (PDF) - Hammond Manufacturing Ltd.

1401K Datasheet PDF - Hammond Manufacturing Ltd.
부품명 1401K
다운로드  1401K 다운로드
파일 크기   121.02 Kbytes
페이지   1 Pages
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
상세설명 Instrument Case (1401 Series)

1401K Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1401K Datasheet PDF - Hammond Manufacturing Ltd.

부품명 1401K
다운로드  1401K Click to download

파일 크기   121.02 Kbytes
페이지   1 Pages
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
상세설명 Instrument Case (1401 Series)

1401K 데이터시트 (HTML) - Hammond Manufacturing Ltd.


1401K 제품 세부 정보

KEY FEATURES
• 18 gauge steel top & bottom halves finished in contempra grey powder paint.
• 0.064” (1.6 mm) thick aluminum panels, front finished in satin black and vented back finished in contempra grey powder
paint.
• Rear panel is vented top and bottom.
• 6-32 Philips nickel plated screws and self-adhesive rubber feet included.
• Replacement screws 1421J6 (Pkg. of 6, 6-32 Philips head screws).




유사한 부품 번호 - 1401K

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1401K HAMMOND-1401K Datasheet
238Kb / 1P
20 GAUGE STEEL BODY PAINTED (RAL 7032)
1401K.. HAMMOND-1401K.. Datasheet
238Kb / 1P
20 GAUGE STEEL BODY PAINTED (RAL 7032)
More results


유사한 설명 - 1401K

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
Measurement Instrument
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
Measurement Instrument
01-Oct-2007
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
01-Oct-2007
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
Instrument Knobs
logo
Bud Industries, Inc.
IA-6160 BUD-IA-6160 Datasheet
100Kb / 1P
ALUMINUM INSTRUMENT CASE
IA-6163 BUD-IA-6163 Datasheet
98Kb / 1P
ALUMINUM INSTRUMENT CASE
IA-6162 BUD-IA-6162 Datasheet
103Kb / 1P
ALUMINUM INSTRUMENT CASE
IA-6161 BUD-IA-6161 Datasheet
97Kb / 1P
ALUMINUM INSTRUMENT CASE
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
logo
CamdenBoss Ltd.
CDE2110 CAMDENBOSS-CDE2110 Datasheet
959Kb / 1P
21 series IP67 desktop instrument
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com