전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1456FH2BKBK 데이터시트 (PDF) - Hammond Manufacturing Ltd.

1456FH2BKBK Datasheet PDF - Hammond Manufacturing Ltd.
부품명 1456FH2BKBK
다운로드  1456FH2BKBK 다운로드
파일 크기   236.49 Kbytes
페이지   2 Pages
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
상세설명 Sloped Aluminum Consoles 1456 Series

1456FH2BKBK Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1456FH2BKBK Datasheet PDF - Hammond Manufacturing Ltd.

부품명 1456FH2BKBK
다운로드  1456FH2BKBK Click to download

파일 크기   236.49 Kbytes
페이지   2 Pages
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
상세설명 Sloped Aluminum Consoles 1456 Series

1456FH2BKBK 데이터시트 (HTML) - Hammond Manufacturing Ltd.


1456FH2BKBK 제품 세부 정보

Key Features
Aluminum cases 0.081” (2 mm) thick aluminum.
Aluminum top panel sizes to 14” wide are 0.064” thick aluminum. Larger sizes are 0.081”
thick.
Sold pre-assembled with a textured blue case and a choice of a contempra grey (beige)
or a black top panel.
Comes with self adhesive rubber feet and required mounting hardware.
Some models available with walnut sides - see series 1456CWW
Replacement screws 1421J6 (Pkg. of 6, 6-32 Philips head sheet metal screws).




유사한 부품 번호 - 1456FH2BKBK

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1456FH2BKBK HAMMOND-1456FH2BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
12/27/2018
1456FH2BKBK HAMMOND-1456FH2BKBK Datasheet
209Kb / 1P
Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet. Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge aluminum (.064").
1456FH2BKBK.. HAMMOND-1456FH2BKBK.. Datasheet
209Kb / 1P
Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet. Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge aluminum (.064").
More results


유사한 설명 - 1456FH2BKBK

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGA430 INFINEON-BGA430 Datasheet
724Kb / 24P
A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
19-November-2002
logo
Cirrus Logic
CR3710 CIRRUS-CR3710 Datasheet
106Kb / 2P
Integrated ATAPI DVD Drive Manager Fully Integrated Chip for Game Consoles and DVD Players/ROMs
logo
Dialight Corporation
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
logo
International Rectifier
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
logo
Panasonic Semiconductor
EEV-FK1V221P PANASONIC-EEV-FK1V221P Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
logo
Dialight Corporation
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
logo
PANDUIT CORP.
UICFPSE2IW PANDUIT-UICFPSE2IW Datasheet
68Kb / 1P
MINI-COM ULTIMATE ID 2 POSITION VERTICAL SLOPED EXECUTIVE SERIES FACEPLATE CUSTOMER DRAWING
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
Game Consoles
logo
PANDUIT CORP.
CFPSL6XXY PANDUIT-CFPSL6XXY Datasheet
87Kb / 1P
MINI-COM 6 POSITION VERTIAL SLOPED FACEPLATE WITH LABEL/COVERS CUSTOMER DEAWING
3-11-06
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com