전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GT25G101 데이터시트 (PDF) - Toshiba Semiconductor

GT25G101 Datasheet PDF - Toshiba Semiconductor
부품명 GT25G101
다운로드  GT25G101 다운로드
파일 크기   194.7 Kbytes
페이지   4 Pages
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
상세설명 N CHANNEL IGBT (STROBE FLASH APPLICATIONS)

GT25G101 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
GT25G101 Datasheet PDF - Toshiba Semiconductor

부품명 GT25G101
다운로드  GT25G101 Click to download

파일 크기   194.7 Kbytes
페이지   4 Pages
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
상세설명 N CHANNEL IGBT (STROBE FLASH APPLICATIONS)

GT25G101 데이터시트 (HTML) - Toshiba Semiconductor


GT25G101 제품 세부 정보

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




유사한 부품 번호 - GT25G101

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT25G101 TOSHIBA-GT25G101 Datasheet
316Kb / 4P
SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
GT25G101 TOSHIBA-GT25G101 Datasheet
835Kb / 16P
Discrete IGBTs
GT25G101SM TOSHIBA-GT25G101SM Datasheet
182Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT25G101SM TOSHIBA-GT25G101SM Datasheet
293Kb / 4P
SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
GT25G101SM TOSHIBA-GT25G101SM_06 Datasheet
293Kb / 4P
SILICON N−CHANNEL IGBT STROBE FLASH APPLICATIONS
More results


유사한 설명 - GT25G101

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
GT15G101 TOSHIBA-GT15G101 Datasheet
200Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT20G101 TOSHIBA-GT20G101 Datasheet
179Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT20G101SM TOSHIBA-GT20G101SM Datasheet
177Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT20G102 TOSHIBA-GT20G102 Datasheet
183Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT20G102SM TOSHIBA-GT20G102SM Datasheet
179Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT25G101SM TOSHIBA-GT25G101SM Datasheet
182Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT25G102 TOSHIBA-GT25G102 Datasheet
183Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT25G102SM TOSHIBA-GT25G102SM Datasheet
181Kb / 3P
N CHANNEL IGBT (STROBE FLASH APPLICATIONS)
GT8G134 TOSHIBA-GT8G134 Datasheet
207Kb / 7P
Silicon N Channel IGBT Strobe Flash Applications
GT8G136 TOSHIBA-GT8G136 Datasheet
207Kb / 6P
Silicon N Channel IGBT Strobe Flash Applications
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com