전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBR25UC8ABFD 데이터시트 (PDF) - Elpida Memory

EBR25UC8ABFD Datasheet PDF - Elpida Memory
부품명 EBR25UC8ABFD
다운로드  EBR25UC8ABFD 다운로드
파일 크기   114.06 Kbytes
페이지   12 Pages
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
상세설명 256MB Direct Rambus??DRAM RIMM??Module

EBR25UC8ABFD Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
EBR25UC8ABFD Datasheet PDF - Elpida Memory

부품명 EBR25UC8ABFD
다운로드  EBR25UC8ABFD Click to download

파일 크기   114.06 Kbytes
페이지   12 Pages
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
상세설명 256MB Direct Rambus??DRAM RIMM??Module

EBR25UC8ABFD 데이터시트 (HTML) - Elpida Memory


EBR25UC8ABFD 제품 세부 정보

Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for use in a broad range of applications including computer memory, personal computers, workstations, and other applications where high bandwidth and low latency are required.

Features
• 256MB Direct RDRAM storage and 256 banks total on module
• High speed 1066MHz/800MHz Direct RDRAM devices
• 184 edge connector pads with 1mm pad spacing
    - Module PCB size: 133.35mm × 34.925mm × 1.27mm
    - Gold plated edge connector pads contacts
• Serial Presence Detect (SPD) support
• Operates from a 2.5V supply
• Low power and power down self refresh modes
• Separate Row and Column buses for higher efficiency
• RDRAM devices use Chip Scale Package (CSP)
    - FBGA (µBGA) package




유사한 부품 번호 - EBR25UC8ABFD

제조업체부품명데이터시트상세설명
logo
Elpida Memory
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-8C ELPIDA-EBR25UC8ABKD-8C Datasheet
123Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-AD ELPIDA-EBR25UC8ABKD-AD Datasheet
123Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-AE ELPIDA-EBR25UC8ABKD-AE Datasheet
123Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-AEP ELPIDA-EBR25UC8ABKD-AEP Datasheet
123Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM??Module
More results


유사한 설명 - EBR25UC8ABFD

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R256FKK8K ELPIDA-MC-4R256FKK8K Datasheet
91Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
256MB Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABKD ELPIDA-EBR25EC8ABKD Datasheet
123Kb / 13P
256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
512MB Direct Rambus??DRAM RIMM??Module
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com