전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA1073A 데이터시트 (PDF) - TriQuint Semiconductor

TGA1073A Datasheet PDF - TriQuint Semiconductor
부품명 TGA1073A
다운로드  TGA1073A 다운로드
파일 크기   629.33 Kbytes
페이지   7 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 26- 34 GHz Medium Power Amplifier

TGA1073A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TGA1073A Datasheet PDF - TriQuint Semiconductor

부품명 TGA1073A
다운로드  TGA1073A Click to download

파일 크기   629.33 Kbytes
페이지   7 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 26- 34 GHz Medium Power Amplifier

TGA1073A 데이터시트 (HTML) - TriQuint Semiconductor


TGA1073A 제품 세부 정보

The TriQuint TGA1073A-SCC is a three stage MPA MMIC design using TriQuint’s proven 0.25-µm mmW pHEMT 2MI process. The TGA1073A is designed to support a variety of millimeter wave applications including point-to-point digital radio and LMDS/LMCS.

Key Features and Performance
• 19 dB Nominal Gain
• 25 dBm Nominal Pout @ P1dB
• -34.5 dBc IMR3 @ 15.5 dBm SCL
• Bias 5 - 7 V @ 220 mA
• 0.25-µm mmW pHEMT 2MI Technology
• Chip Dimensions 1.9 mm x 1.1 mm x 0.1 mm

Primary Applications
• Point-to-Point Radio
• Point-to-Multipoint Communications
• LMDS CPE PA




유사한 부품 번호 - TGA1073A

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA1073A-SCC TRIQUINT-TGA1073A-SCC_15 Datasheet
129Kb / 7P
26 35 GHz Medium Power Amplifier
More results


유사한 설명 - TGA1073A

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA1081 TRIQUINT-TGA1081 Datasheet
345Kb / 3P
26-29 GHz Medium Power Amplifier
logo
Teledyne Technologies I...
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
Power Amplifier 26 GHz - 40 GHz
CMA-40-2608 TELEDYNE-CMA-40-2608 Datasheet
889Kb / 2P
Power Amplifier 26 GHz - 40 GHz
CMA-40-2610 TELEDYNE-CMA-40-2610 Datasheet
890Kb / 2P
Power Amplifier 26 GHz - 40 GHz
logo
Hittite Microwave Corpo...
HMC-ABH264 HITTITE-HMC-ABH264 Datasheet
239Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 34 - 42 GHz
HMC-ABH264 HITTITE-HMC-ABH264_10 Datasheet
589Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 34 - 42 GHz
logo
TriQuint Semiconductor
TGA1073A-SCC TRIQUINT-TGA1073A-SCC_15 Datasheet
129Kb / 7P
26 35 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
26-34 GHz Low Noise Amplifier
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
26-34 GHz Low Noise Amplifier
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com