전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA1088 데이터시트 (PDF) - TriQuint Semiconductor

TGA1088 Datasheet PDF - TriQuint Semiconductor
부품명 TGA1088
다운로드  TGA1088 다운로드
파일 크기   263.93 Kbytes
페이지   4 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 23 - 29 GHz High Power Amplifier

TGA1088 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TGA1088 Datasheet PDF - TriQuint Semiconductor

부품명 TGA1088
다운로드  TGA1088 Click to download

파일 크기   263.93 Kbytes
페이지   4 Pages
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
상세설명 23 - 29 GHz High Power Amplifier

TGA1088 데이터시트 (HTML) - TriQuint Semiconductor


TGA1088 제품 세부 정보

The TriQuint TGA188-EPU is a three stage HPA MMIC design using TriQuint’s proven 0.25 um Power pHEMT process to support a variety of millimeter wave applications including point-to-point digital radio, LMDS/LMCS and Ka-band satellite spacecraft and ground terminals.

Key Features and Performance
• 0.25um pHEMT Technology
• 23 GHz - 29 GHz Frequency Range
• Nominal 1 Watt (28GHz) @ P1dB
• Nominal Gain of 23 dB
• OTOI 38 dBm typical (Linear Mode)
• Bias 7V @ 400 mA Idq (Sat Power mode)
• Bias 7V @ 650 mA Idq (Linear mode)
• Chip Dimensions 4.115mm x 3.047mm

Primary Applications
• LMDS
• Point-to-Point Radio




유사한 부품 번호 - TGA1088

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA1081 TRIQUINT-TGA1081 Datasheet
345Kb / 3P
26-29 GHz Medium Power Amplifier
TGA1081-EPU TRIQUINT-TGA1081-EPU Datasheet
345Kb / 3P
26-29 GHz Medium Power Amplifier
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
27- 32 GHz 1.5 Watt Power Amplifier
More results


유사한 설명 - TGA1088

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA1081 TRIQUINT-TGA1081 Datasheet
345Kb / 3P
26-29 GHz Medium Power Amplifier
TGA9070 TRIQUINT-TGA9070 Datasheet
201Kb / 7P
23 - 29 GHz High Power Amplifier
logo
Alpha Industries
AA022P1-00 ALPHA-AA022P1-00 Datasheet
139Kb / 2P
18-23 GHz GaAs MMIC Power Amplifier
AA026P1-00 ALPHA-AA026P1-00 Datasheet
98Kb / 2P
25-29 GHz GaAs MMIC Driver Amplifier
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
27-29 GHz GaAs MMIC Power Amplifier
AA032P1-A4 ALPHA-AA032P1-A4 Datasheet
649Kb / 4P
29-32 GHz Surface Mount Medium Power Amplifier
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
27-29 GHZ 1.8 Watt Power Amplifier MMIC
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
29-31 GHZ 2 Watt Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4510 TRIQUINT-TGA4510_15 Datasheet
646Kb / 9P
29 to 37 GHz Compact Driver Amplifier
TGA4537-SM TRIQUINT-TGA4537-SM_15 Datasheet
1Mb / 14P
29 to 35 GHz 1W Power Amplifier
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com