전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TE0109A 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TE0109A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
부품명 TE0109A
다운로드  TE0109A 다운로드
파일 크기   218.39 Kbytes
페이지   5 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Dual SAW Resonator 390/315 MHz SMD 5.0X5.0 mm

TE0109A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TE0109A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TE0109A
다운로드  TE0109A Click to download

파일 크기   218.39 Kbytes
페이지   5 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Dual SAW Resonator 390/315 MHz SMD 5.0X5.0 mm

TE0109A 데이터시트 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




유사한 부품 번호 - TE0109A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TE0103A TAI-SAW-TE0103A Datasheet
236Kb / 5P
SAW Filter 479.5MHz TO-39
logo
Golledge Electronics Lt...
TE0103A GOLLEDGE-TE0103A Datasheet
192Kb / 4P
SAW Filter 479.50MHz (Two channel)
logo
TAI-SAW TECHNOLOGY CO.,...
TE0104A TAI-SAW-TE0104A Datasheet
436Kb / 9P
Dual SAW Filter 1842.5 and 1960 MHz
TE0106A TAI-SAW-TE0106A Datasheet
562Kb / 9P
Dual SAW Filter 942.5 and 1842.5 MHz
TE0107A TAI-SAW-TE0107A Datasheet
466Kb / 6P
SAW Filter 479.5MHz SMD5X5mm
More results


유사한 설명 - TE0109A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
SAW Resonator 390 MHz SMD5X5 mm
TC0251A TAI-SAW-TC0251A Datasheet
272Kb / 6P
SAW Resonator 390 MHz SMD 3.8X3.8 mm
TC0261A TAI-SAW-TC0261A Datasheet
383Kb / 5P
SAW Resonator 433.32 MHz SMD 5.0X5.0 mm
TC0263A TAI-SAW-TC0263A Datasheet
383Kb / 5P
SAW Resonator 434.52 MHz SMD 5.0X5.0 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
SAW Resonator 315 MHz SMD 3X3 mm
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
SAW Resonator 390 MHz
TC0180A TAI-SAW-TC0180A Datasheet
196Kb / 3P
SAW Resonator 390 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
SAW Resonator 390 MHz
logo
Abracon Corporation
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
SMD ONE PORT 390 MHz SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TE0161A TAI-SAW-TE0161A Datasheet
404Kb / 10P
SAW Dual SAW 370/390 MHz (BW 20 MHz) SMD 5.0X5.0 mm
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com