| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
0679130008
|
335Kb / 5P |
2.50mm (.098) Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
|
|
0679558002
|
343Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
|
|
0679130011
|
343Kb / 5P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
|
|
0679138006
|
297Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push PushType, without Card Lock Pin, Lead free
|
|
0679558001
|
343Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
|
|
0679130007
|
333Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, with integrated shell nails, Lead-Free
|
|
0679138011
|
327Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Lead free
|
|
0679138003
|
297Kb / 5P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push Push Type, with Card Lock Pin and Mylar, Lead free
|
|
5009980900
|
393Kb / 6P |
2.50mm (.098") Pitch SD Memory Card Connector, Shielded, Top Mount, Push-Push Ejector
|
|
5009990900
|
516Kb / 6P |
2.50mm (.098") Pitch SD Memory Card Connector, Shielded Type, Top Mount, Push- Push Ejector, Ultra Short Solder Tab
|