| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
0874210000
|
254Kb / 4P |
1.50mm (.059") Pico-SPOX??Crimp Terminal, Female, Tin(Sn), 24-30 AWG, Reel
|
|
0797580003
|
157Kb / 2P |
SL Female (Sn) 22 AWG,UL1061,150MM
|
|
0797580002
|
157Kb / 2P |
Micro-Fit Female (Sn) 20 AWG,UL1061,150MM
|
|
0797580007
|
157Kb / 2P |
KK Hot Tin (Sn) 22 AWG,UL1061,150MM
|
|
0797580016
|
156Kb / 2P |
Pico-SPOX Female (Sn) 24 AWG,UL1061,300MM
|
|
0797580008
|
42Kb / 1P |
Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 150mm, 24 AWG
|
|
0797580016
|
42Kb / 1P |
Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
|
|
0797581003
|
44Kb / 1P |
Pre-Crimped Lead Pico-Lock Female-to-Pico-Lock Female, 150mm, 24 AWG
|
|
0797581007
|
42Kb / 1P |
Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
|
|
0572943700
|
36Kb / 1P |
S-1 Applicator for Pico-SPOX Receptacle Terminals, 24-26 AWG
08/26/2022 |