| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
0887683600
|
278Kb / 6P |
HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 1.0m (3.28) Length
|
|
0887689900
|
178Kb / 3P |
HDMI*-to-HDMI* Cable Assembly, 30 AWG, 1.0m (3.28) Length
|
|
0887683500
|
415Kb / 8P |
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 1.0m (3.28) Length
|
|
0687670018
|
34Kb / 1P |
HDMI(M)-to-HDMI(M) Cable Assembly, 28 AWG 1.0m Length, Gold (Au) Plated
|
|
0887689800
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 1.0m Length
|
|
0887689810
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 2.0m Length
|
|
0887689820
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 3.0m Length
|
|
0887689830
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 5.0m Length
|
|
0887689900
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 30 AWG, 1.0m Length
|
|
0887689800
|
34Kb / 1P |
HDMI-to-HDMI Cable Assembly, 28 AWG, 1.0m Length
|