전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VXO-SK-S-4P 데이터시트 (PDF) - QUARTZCOM the communications company

VXO-SK-S-4P Datasheet PDF - QUARTZCOM the communications company
부품명 VXO-SK-S-4P
다운로드  VXO-SK-S-4P 다운로드
파일 크기   106.64 Kbytes
페이지   1 Pages
제조업체  QUARTZCOM [QUARTZCOM the communications company]
홈페이지  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
상세설명 SMD VCXO Sine wave Output frequency up to 400 MHz

VXO-SK-S-4P Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
VXO-SK-S-4P Datasheet PDF - QUARTZCOM the communications company

부품명 VXO-SK-S-4P
다운로드  VXO-SK-S-4P Click to download

파일 크기   106.64 Kbytes
페이지   1 Pages
제조업체  QUARTZCOM [QUARTZCOM the communications company]
홈페이지  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
상세설명 SMD VCXO Sine wave Output frequency up to 400 MHz

VXO-SK-S-4P 데이터시트 (HTML) - QUARTZCOM the communications company




유사한 부품 번호 - VXO-SK-S-4P

제조업체부품명데이터시트상세설명
logo
QUARTZCOM the communica...
VXO-SK-3HM-4P QUARTZCOM-VXO-SK-3HM-4P Datasheet
106Kb / 1P
SMD VCXO HCMOS / TTL compatible Output frequency up to 200 MHz
VXO-SK-5HM-4P QUARTZCOM-VXO-SK-5HM-4P Datasheet
106Kb / 1P
SMD VCXO HCMOS / TTL compatible Output frequency up to 200 MHz
VXO-SK-H-4P QUARTZCOM-VXO-SK-H-4P Datasheet
106Kb / 1P
SMD VCXO HCMOS / TTL compatible Output frequency up to 200 MHz
More results


유사한 설명 - VXO-SK-S-4P

제조업체부품명데이터시트상세설명
logo
QUARTZCOM the communica...
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-S-4P QUARTZCOM-TXO-SH-S-4P Datasheet
208Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 200 MHz
VXO-1S-DS-6P QUARTZCOM-VXO-1S-DS-6P Datasheet
118Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-PE-6P QUARTZCOM-VXO-P9-PE-6P Datasheet
112Kb / 1P
SMD VCXO LVPECL Output frequency up to 200 MHz
VXO-P9-PEM-6P QUARTZCOM-VXO-P9-PEM-6P Datasheet
106Kb / 1P
SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-P9-PEH-6J QUARTZCOM-VXO-P9-PEH-6J Datasheet
107Kb / 1P
SMD VCXO LVPECL Output frequency up to 800 MHz
VXO-P9-DS-6P QUARTZCOM-VXO-P9-DS-6P Datasheet
229Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-DEH-6J QUARTZCOM-VXO-P9-DEH-6J Datasheet
107Kb / 1P
SMD VCXO LVDS Output frequency up to 800 MHz
VTO-SK-S-4P QUARTZCOM-VTO-SK-S-4P Datasheet
163Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 400 MHz
VXO-SW-S-8P QUARTZCOM-VXO-SW-S-8P Datasheet
103Kb / 1P
SMD VCXO Sine wave Output frequency up to 1 GHz
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com