전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST508_SOT-23 데이터시트 (PDF) - Micross Components

SST508_SOT-23 Datasheet PDF - Micross Components
부품명 SST508_SOT-23
다운로드  SST508_SOT-23 다운로드
파일 크기   324.25 Kbytes
페이지   1 Pages
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components
상세설명 Current Regulator Diode

SST508_SOT-23 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SST508_SOT-23 Datasheet PDF - Micross Components

부품명 SST508_SOT-23
다운로드  SST508_SOT-23 Click to download

파일 크기   324.25 Kbytes
페이지   1 Pages
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components
상세설명 Current Regulator Diode

SST508_SOT-23 데이터시트 (HTML) - Micross Components


SST508_SOT-23 제품 세부 정보

Description:
The SST508 belongs to a family of ±20% range current regulators designed for demanding applications in test equipment and instrumentation. These devices utilize JFET techniques to produce a device which is extremely simple to operate.

Features:
◾ Surface-Mount Package
◾ Guaranteed ±20% Tolerance
◾ POV (min) 45V
◾ Good Temperature Stability

Benefits:
◾ Simple Series Circuitry, No Separate Voltage Source
◾ Tight Guaranteed Circuit Performance
◾ Excellent Performance in Low-Voltage / Battery Circuits and High-Voltage Spike Protection
◾ High Circuit Stability vs. Temperature

SST508 Applications:
◾ Constant-Current Supply
◾ Current-Limiting
◾ Timing Circuits




유사한 부품 번호 - SST508_SOT-23

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
SST508 CALOGIC-SST508 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Linear Integrated Syste...
SST508 LINEAR-SST508 Datasheet
216Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
SST508 VISHAY-SST508 Datasheet
61Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST508 VISHAY-SST508 Datasheet
43Kb / 5P
Current Regulator Diodes—POV(min) 45 V
02-Jul-01
logo
Micross Components
SST508 MICROSS-SST508 Datasheet
324Kb / 1P
Linear Systems replaces discontinued Siliconix SST508
More results


유사한 설명 - SST508_SOT-23

제조업체부품명데이터시트상세설명
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
J506_TO-92 MICROSS-J506_TO-92 Datasheet
531Kb / 1P
Current Regulator Diode
J510_TO-92 MICROSS-J510_TO-92 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_SOT-23 MICROSS-LSJ501_SOT-23 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ503_TO-92 MICROSS-LSJ503_TO-92 Datasheet
535Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
Current Regulator Diode
SST506_SOT-23 MICROSS-SST506_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com