전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

US2A 데이터시트 (PDF) - Rugao Dachang Electronics Co., Ltd

US2A Datasheet PDF - Rugao Dachang Electronics Co., Ltd
부품명 US2A
다운로드  US2A 다운로드
파일 크기   118.34 Kbytes
페이지   2 Pages
제조업체  DACHANG [Rugao Dachang Electronics Co., Ltd]
홈페이지  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
상세설명 Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A

US2A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
US2A Datasheet PDF - Rugao Dachang Electronics Co., Ltd

부품명 US2A
다운로드  US2A Click to download

파일 크기   118.34 Kbytes
페이지   2 Pages
제조업체  DACHANG [Rugao Dachang Electronics Co., Ltd]
홈페이지  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
상세설명 Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A

US2A 데이터시트 (HTML) - Rugao Dachang Electronics Co., Ltd


US2A 제품 세부 정보

Reverse Voltage 50 --- 1000 V

Forward Current 2.0 A



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds at terminals

• Lead and body according with RoHS standard



 




유사한 부품 번호 - US2A

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
US2A SSE-US2A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results


유사한 설명 - US2A

제조업체부품명데이터시트상세설명
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL201G DACHANG-RL201G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
US1A DACHANG-US1A Datasheet
120Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US1AL DACHANG-US1AL Datasheet
129Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US3A DACHANG-US3A Datasheet
118Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
logo
Microdiode Semiconducto...
HER302 CHENDA-HER302 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER303 CHENDA-HER303 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER305 CHENDA-HER305 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER306 CHENDA-HER306 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER308 CHENDA-HER308 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com