전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ELM185BB-S 데이터시트 (PDF) - ELM Technology Corporation

ELM185BB-S Datasheet PDF - ELM Technology Corporation
부품명 ELM185BB-S
다운로드  ELM185BB-S 다운로드
파일 크기   583.64 Kbytes
페이지   10 Pages
제조업체  ELM-TECH [ELM Technology Corporation]
홈페이지  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation
상세설명 ELM185xB Laser Diode Driver

ELM185BB-S Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ELM185BB-S Datasheet PDF - ELM Technology Corporation

부품명 ELM185BB-S
다운로드  ELM185BB-S Click to download

파일 크기   583.64 Kbytes
페이지   10 Pages
제조업체  ELM-TECH [ELM Technology Corporation]
홈페이지  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation
상세설명 ELM185xB Laser Diode Driver

ELM185BB-S 데이터시트 (HTML) - ELM Technology Corporation


ELM185BB-S 제품 세부 정보

■ General description
​​​​​​​ELM185xB is a bipolar type laser diode driver IC with internal APC circuit which consists of a reference voltage source, an error amplifier, and a thermal shutdown circuit for protection. With reference voltage source, the output of laser is comparatively stable during the change of power voltage and temperature. With its small package, ELM185xB is possible to be assembled within small areas on the board. When control loop damage occurs, ELM185xB is also capable of limiting the laser drive current; limited current value can be adjusted by an external resister on ILM. KLD output drive current can reach up to 400mA (max.). For avoidance of damage of laser diode, the Zener diode which is included in ELM185xB is able to absorb 8V surge between VCC-GND. ELM185xB is able to drive various types of laser diode modules (LDM); please refer to applicable laser diode modules for further information. ELM185xB can not only drive laser diode by APC control, but also by constant current with internal constant current setup function; therefore, ELM185xB can also be used as constant current driver for laser diode, high luminous LED, etc.

■ Features
• Low voltage operation : 2.0V
• Low current consumption operation : Typ.1mA
• Laser drive current : Max.400mA
• Internal voltage reference : Typ.0.30V
• Thermal shutdown circuit : Typ.150°C
• Package : SOT-26, VSON6-2x2
• Zener diode for surge absorption included

■ Application
• Driver for laser diode in laser pointer, laser level, etc.
• Driver for constant load current such as LED, etc.




유사한 부품 번호 - ELM185BB-S

제조업체부품명데이터시트상세설명
logo
ELM Technology Corporat...
ELM185BB ELM-TECH-ELM185BB Datasheet
140Kb / 10P
Lase Diode Driver
More results


유사한 설명 - ELM185BB-S

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
Laser Diode Driver
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
ELM185XB ELM-TECH-ELM185XB Datasheet
794Kb / 10P
ELM185xB Laser Diode Driver
Rev.1.1
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com