전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SR1520CT 데이터시트 (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SR1520CT Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
부품명 SR1520CT
다운로드  SR1520CT 다운로드
파일 크기   208.08 Kbytes
페이지   2 Pages
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
상세설명 Dual Schottky Rectifiers

SR1520CT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SR1520CT Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 SR1520CT
다운로드  SR1520CT Click to download

파일 크기   208.08 Kbytes
페이지   2 Pages
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
상세설명 Dual Schottky Rectifiers

SR1520CT 데이터시트 (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


SR1520CT 제품 세부 정보

REVERSE VOLTAGE: 20 - 60 V
FORWARD CURRENT: 15 A

Features
◇ Metal-Semiconductor junction with guard ring
◇ Epitaxial construction
◇ For use in low voltage,high frequency inverters free wheeling, and polarity protection applications
◇ Low forward voltage drop,low switching losses
◇ High surge capability
◇ The plastic material carries U/L recognition 94V-0




유사한 부품 번호 - SR1520CT

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SR1520CT BILIN-SR1520CT Datasheet
94Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
SR1520CT DSK-SR1520CT Datasheet
104Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results


유사한 설명 - SR1520CT

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com