전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SNC374 데이터시트 (PDF) - SONiX Technology Company

SNC374 Datasheet PDF - SONiX Technology Company
부품명 SNC374
다운로드  SNC374 다운로드
파일 크기   406.34 Kbytes
페이지   11 Pages
제조업체  SONIX [SONiX Technology Company]
홈페이지  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
상세설명 Direct Drive Voice/Dual Tone Melody Controller?

SNC374 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SNC374 Datasheet PDF - SONiX Technology Company

부품명 SNC374
다운로드  SNC374 Click to download

파일 크기   406.34 Kbytes
페이지   11 Pages
제조업체  SONIX [SONiX Technology Company]
홈페이지  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
상세설명 Direct Drive Voice/Dual Tone Melody Controller?

SNC374 데이터시트 (HTML) - SONiX Technology Company


SNC374 제품 세부 정보

INTRODUCTION
SNC353 is a 1-channel voice synthesizer and dual-tone melody IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit input port and two 4-bit I/O ports. By programming through the tiny controller in SNC353, user’s varied applications including voice section combination, dual-tone melody, key trigger arrangement, output control, and other logic functions can be easily implemented.

FEATURES
♦ Single power supply 2.4V – 5.5V
♦ 20 seconds voice capacity are provided (@6KHZ sample rate)
♦ Built in a 4-bit tiny controller
♦ One 4-bit input port and two 4-bit I/O ports are provided
♦ 128*4 bits RAM are provided
♦ 64K*10 ROM size are provided for voice data and program
♦ Maximum 16k program ROM is provided
♦ Readable ROM code data
♦ IR carrier signal is provided
♦ Built in a high quality speech synthesizer
♦ Adaptive playing speed from 2.5k-20kHz is provided
♦ One voice channel plus Dual-Tone Melody
♦ Built in a PWM Direct Drive circuit and a fixed current D/A output
♦ System clock: 2MHz
♦ Low Power Reset




유사한 부품 번호 - SNC374

제조업체부품명데이터시트상세설명
logo
SONiX Technology Compan...
SNC374 SONIX-SNC374 Datasheet
400Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC374 SONIX-SNC374_05 Datasheet
400Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
More results


유사한 설명 - SNC374

제조업체부품명데이터시트상세설명
logo
SONiX Technology Compan...
SNC313 SONIX-SNC313 Datasheet
421Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC322 SONIX-SNC322 Datasheet
403Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC333 SONIX-SNC333 Datasheet
422Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC362 SONIX-SNC362 Datasheet
402Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC384 SONIX-SNC384 Datasheet
405Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC323 SONIX-SNC323_05 Datasheet
400Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC342 SONIX-SNC342_05 Datasheet
397Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC362 SONIX-SNC362_05 Datasheet
397Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC385 SONIX-SNC385_05 Datasheet
402Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com