전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCLAMP3603T 데이터시트 (PDF) - Semtech Corporation

UCLAMP3603T Datasheet PDF - Semtech Corporation
부품명 UCLAMP3603T
다운로드  UCLAMP3603T 다운로드
파일 크기   168.86 Kbytes
페이지   7 Pages
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
상세설명 TVS Diode Array for Proximity Switch Protection

UCLAMP3603T Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
UCLAMP3603T Datasheet PDF - Semtech Corporation

부품명 UCLAMP3603T
다운로드  UCLAMP3603T Click to download

파일 크기   168.86 Kbytes
페이지   7 Pages
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
상세설명 TVS Diode Array for Proximity Switch Protection

UCLAMP3603T 데이터시트 (HTML) - Semtech Corporation


UCLAMP3603T 제품 세부 정보

Description
The µClamp®3603T is a high-surge transient voltage suppressor (TVS) optimized for protection of sensitive digital sensors used in proximity switches and industrial control applications. The µClamp3603T protects the components from over-voltages caused by Electro-Static Discharge (ESD), Electrical Fast Transients (EFT), and Tertiary Lightning.
The µClamp3603T features a working voltage of 36 volts with a minimum breakdown voltage of 37 volts. They are rated to handle a continuous forward current of up to 200mA with a low forward voltage drop of less than 1 volt (IF = 200mA). They are designed with high surge capability (2 Amps at tp=1.2/50us) and a low clamping voltage of <65V.
The µClamp3603T is in a 6-pin SLP1710N6T package. It measures 1.7 x 1.0 x 0.4mm. The leads are spaced at a pitch of 0.55mm and are finished with lead-free NiPdAu. Each device will protect three lines operating at 36 volts. The small size and unique features of the µClamp3603T make it ideal for protection of DC high-side and low-side 3 wire proximity switches in industrial and automotive applications.
The µClamp3603T is qualified to AEC-Q100 Grade 1 for Automotive use.

Features
◆ Transient protection for proximity sensors.
   IEC 61000-4-2 (ESD)
   IEC 61000-4-4 (EFT)
◆ Ultra-small package (1.7 x 1.0 x 0.4mm)
◆ Protects one three line sensor.
◆ Low clamping voltage
◆ High operating voltage: 36V
◆ Solid-state silicon-avalanche technology
◆ AEC-Q100 Grade 1 Qualified

Applications
◆ Two and Three Wire DC High-Side and Low-Side
   Proximity Switches
◆ Digital Sensor Input Protection
◆ Industrial Controls
◆ 24V - 36V DC Supply Protection
◆ Automotive Applications




유사한 부품 번호 - UCLAMP3603T

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
UCLAMP3601P SEMTECH-UCLAMP3601P Datasheet
129Kb / 7P
TVS Diode for Proximity Switch Input Protection
uClamp3601P.TNT SEMTECH-uClamp3601P.TNT Datasheet
129Kb / 7P
TVS Diode for Proximity Switch Input Protection
More results


유사한 설명 - UCLAMP3603T

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SDC36 SEMTECH-SDC36 Datasheet
155Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
SDC36B SEMTECH-SDC36B Datasheet
159Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
UCLAMP3601P SEMTECH-UCLAMP3601P Datasheet
129Kb / 7P
TVS Diode for Proximity Switch Input Protection
logo
Yea Shin Technology Co....
YSOT05C YEASHIN-YSOT05C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT15C YEASHIN-YSOT15C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Semtech Corporation
SDC36C SEMTECH-SDC36C Datasheet
164Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
logo
Shanghai Leiditech Elec...
SM36S3F LEIDITECH-SM36S3F Datasheet
1Mb / 5P
TVS DIODE ARRAY FOR PROXIMITY SWITCH PROTECTION
LC0542T5 LEIDITECH-LC0542T5 Datasheet
423Kb / 4P
TVS DIODE ARRAY FOR USB LINE PROTECTION
More results




Semtech Corporation 에 대하여


Semtech Corporation은 고성능 아날로그 및 혼합 신호 반도체 설계 및 제조를 전문으로하는 미국 기술 회사입니다. 이 회사는 1960 년에 설립되었으며 캘리포니아 카마 릴로에 본사를두고 있습니다. SEMTECH는 무선 통신, 자동차, 산업 및 소비자 전자 제품을 포함한 다양한 응용 프로그램을위한 데이터 컨버터, 전력 관리 솔루션, 고주파 제품 및 기타 아날로그 및 혼합 신호 구성 요소를 포함한 다양한 제품을 제공합니다.

Semtech는 아날로그 및 혼합 신호 기술에 대한 전문 지식과 혁신적이고 고성능 제품을 제공하는 능력으로 유명합니다. 이 회사는 연구 개발에 중점을두고 있으며 반도체 산업을위한 새로운 기술 및 솔루션 개발에 적극적으로 참여하고 있습니다. Semtech의 제품은 다양한 응용 분야에서 널리 사용되며 전자 산업의 성장을 지원하는 데 도움이됩니다.

최근 몇 년 동안 Semtech는 제품 포트폴리오 및 제품을 확장하여 사물 인터넷 (IoT) 솔루션과 무선 감지 시장을 포함하도록 확장했습니다. 이 회사는 고객이 전자 산업의 변화하는 요구를 충족시키는 혁신적인 제품을 설계, 개발 및 배포하도록 돕기 위해 노력하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com