전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F26J50-ISO 데이터시트 (PDF) - Microchip Technology

PIC18F26J50-ISO Datasheet PDF - Microchip Technology
부품명 PIC18F26J50-ISO
다운로드  PIC18F26J50-ISO 다운로드
파일 크기   619.53 Kbytes
페이지   32 Pages
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
상세설명 Flash Microcontroller Programming Specification

PIC18F26J50-ISO Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PIC18F26J50-ISO Datasheet PDF - Microchip Technology

부품명 PIC18F26J50-ISO
다운로드  PIC18F26J50-ISO Click to download

파일 크기   619.53 Kbytes
페이지   32 Pages
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
상세설명 Flash Microcontroller Programming Specification

PIC18F26J50-ISO 데이터시트 (HTML) - Microchip Technology


PIC18F26J50-ISO 제품 세부 정보

DEVICE OVERVIEW

This document contains device-specific information for the following devices:



• PIC18F24J50     • PIC18LF24J50

• PIC18F25J50    • PIC18LF25J50

• PIC18F26J50    • PIC18LF26J50

• PIC18F44J50    • PIC18LF44J50

• PIC18F45J50    • PIC18LF45J50

• PIC18F46J50    • PIC18LF46J50



This family introduces a new line of low-voltage Universal Serial Bus (USB) microcontrollers with the main traditional advantage of all PIC18 microcontrollers, namely, high computational performance and a rich feature set at an extremely competitive price point. These features make the PIC18F46J50 family a logical choice for many high-performance applications, where cost is a primary consideration.



Power Management Features with nanoWatt XLP™ for Extreme Low-Power:

• Deep Sleep mode: CPU off, Peripherals off, Currents Down to 13 nA and 850 nA with RTCC:

   - Able to wake-up on external triggers, programmable WDT or RTCC alarm

   - Ultra Low-Power Wake-up (ULPWU)

• Sleep mode: CPU off, Peripherals off, SRAM on, Fast Wake-up, Currents Down to 105 nA, Typical

• Idle: CPU off, Peripherals on, Currents Down to 2.3 A, Typical

• Run: CPU on, Peripherals on, Currents Down to 6.2 A, Typical

• Timer1 Oscillator w/RTCC: 1 A, 32 kHz, Typical

• Watchdog Timer: 0.8 µA, 2V, Typical



Special Microcontroller Features:

• Low-Power, High-Speed CMOS Flash Technology

• C Compiler Optimized Architecture for Re-Entrant Code

• Priority Levels for Interrupts

• Self-Programmable under Software Control

• 8 x 8 Single-Cycle Hardware Multiplier

• Extended Watchdog Timer (WDT):

   - Programmable period from 4 ms to 131s

• Single-Supply In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) w/Three Breakpoints via 2 Pins

• Operating Voltage Range of 2.0V to 3.6V

• On-Chip 2.5V Regulator

• Flash Program Memory of 10,000 Erase/Write Cycles Minimum and 20-Year Data Retention



Universal Serial Bus (USB) Features

• USB V2.0 Compliant

• Full Speed (12 Mbps) and Low Speed (1.5 Mbps)

• Supports Control, Interrupt, Isochronous and Bulk Transfers

• Supports up to 32 Endpoints (16 bidirectional)

• USB module can use any RAM Location on the Device as USB Endpoint Buffers

• On-Chip USB Transceiver with Crystal-less operation



Flexible Oscillator Structure:

• High-Precision Internal Oscillator (±0.15% typ.) for USB

• Two External Clock modes, up to 48 MHz (12 MIPS)

• Low-Power, 31 kHz Internal RC Oscillator

• Tunable Internal Oscillator (31 kHz to 8 MHz, or up to 48 MHz with PLL)

• Secondary Oscillator using Timer1 @ 32 kHz

• Fail-Safe Clock Monitor:

   - Allows for safe shutdown if any clock stops

• Two-Speed Oscillator Start-up

• Programmable Reference Clock Output Generator




유사한 부품 번호 - PIC18F26J50-ISO

제조업체부품명데이터시트상세설명
logo
Microchip Technology
PIC18F26J50-I/ML MICROCHIP-PIC18F26J50-I/ML Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
More results


유사한 설명 - PIC18F26J50-ISO

제조업체부품명데이터시트상세설명
logo
Microchip Technology
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
Flash Programming Specification
2007
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
Flash Memory Programming Specification
2002 - 2003
PIC32MX795F512L-80IPT MICROCHIP-PIC32MX795F512L-80IPT Datasheet
1Mb / 68P
PIC32 Flash Programming Specification
2007-2013
PIC18FXXK80 MICROCHIP-PIC18FXXK80 Datasheet
376Kb / 52P
Flash Microcontroller Programming Specification
08/04/10 2011
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
Flash Memory Programming Specification
11/29/11 2012
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA002-ISS MICROCHIP-PIC24FJ16GA002-ISS Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA004-IPT MICROCHIP-PIC24FJ64GA004-IPT Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
More results




Microchip Technology 에 대하여


Microchip Technology는 1989 년에 설립 된 미국 반도체 회사입니다.
이 회사는 자동차, 산업 및 소비자 시장의 다양한 응용 프로그램을위한 광범위한 마이크로 컨트롤러, 아날로그, 메모리 및 보안 제품을 제공합니다.
Microchip은 세계에서 가장 큰 마이크로 컨트롤러 공급 업체 중 하나이며 저전력 설계에 대한 전문 지식과 에너지 절약 기술에 대한 초점으로 유명합니다.
이 회사는 또한 고객이 제품을 설계하고 프로토 타입 할 수 있도록 개발 도구 및 소프트웨어를 제공합니다.
Microchip은 70 개 이상의 국가에서 운영을 보유하고 있으며 제품은 광범위한 응용 분야에서 사용됩니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.