전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9164AGG 데이터시트 (PDF) - Richtek Technology Corporation

RT9164AGG Datasheet PDF - Richtek Technology Corporation
부품명 RT9164AGG
다운로드  RT9164AGG 다운로드
파일 크기   245.15 Kbytes
페이지   14 Pages
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
상세설명 Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature

RT9164AGG Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
RT9164AGG Datasheet PDF - Richtek Technology Corporation

부품명 RT9164AGG
다운로드  RT9164AGG Click to download

파일 크기   245.15 Kbytes
페이지   14 Pages
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
상세설명 Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature

RT9164AGG 데이터시트 (HTML) - Richtek Technology Corporation


RT9164AGG 제품 세부 정보

General Description
The RT9164A series of high performance positive voltage regulators is designed for applications requiring low dropout performance at fully rated current. Additionally, the RT9164A series provides excellent regulation over variations in line and load. Outstanding features include low dropout performance at rated current, fast transient response, internal current-limiting, and thermal-shutdown protection of the output device. The RT9164A series of three terminal regulators offers fixed and adjustable voltage options available in space-saving SOT-223, TO-252, and TO-263 packages.

Features
● Low Dropout Performance, 1.4V Max
● Full Current Rating Over Line and Temperature
● Fast Transient Response
● ±2% Output Voltage Accuracy
● 1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, and 3.5V Fixed Adjustable Output Voltage
● SOT-223, TO-252, and TO-263 Packages
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Active SCSI Termination
● Low Voltage Microcontrollers
● Switching Power Supply Post-Regulator




유사한 부품 번호 - RT9164AGG

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GG RICHTEK-RT9164A-15GG Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GL RICHTEK-RT9164A-15GL Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GLR RICHTEK-RT9164A-15GLR Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GM RICHTEK-RT9164A-15GM Datasheet
207Kb / 14P
1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


유사한 설명 - RT9164AGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
BQ24351 TI-BQ24351 Datasheet
1Mb / 18P
Over-Voltage and Over-Current Charger
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
1.4Vmaximum dropout full load current
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
input surge current, over voltage, over load, and over current protections
logo
Broadcom Corporation.
BCM5720-2P BOARDCOM-BCM5720-2P Datasheet
4Mb / 2P
Full line-rate performance across all ports
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com