전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C2V4TW-AU 데이터시트 (PDF) - Pan Jit International Inc.

BZX84C2V4TW-AU Datasheet PDF - Pan Jit International Inc.
부품명 BZX84C2V4TW-AU
다운로드  BZX84C2V4TW-AU 다운로드
파일 크기   302.06 Kbytes
페이지   5 Pages
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
상세설명 TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES

BZX84C2V4TW-AU Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
BZX84C2V4TW-AU Datasheet PDF - Pan Jit International Inc.

부품명 BZX84C2V4TW-AU
다운로드  BZX84C2V4TW-AU Click to download

파일 크기   302.06 Kbytes
페이지   5 Pages
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
상세설명 TRIPLE ISOLATED SURFACE MOUNT ZENER DIODES

BZX84C2V4TW-AU 데이터시트 (HTML) - Pan Jit International Inc.


BZX84C2V4TW-AU 제품 세부 정보

VOLTAGE 2.4 to 75 Volts POWER 200mWatts



FEATURES

• 200mW Power Dissipation Rating

• Zener Voltages from 2.4~75V

• Ideally Suited for Automatic Insertion

• Acqire quality system certificate : TS16949

• AEC-Q101 qualified

• Lead free in comply with EU RoHS 2002/95/EC directives.

• Green molding compound as per IEC61249 Std. . (Halogen Free)



 




유사한 부품 번호 - BZX84C2V4TW-AU

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BZX84C2V4TW PANJIT-BZX84C2V4TW Datasheet
106Kb / 3P
TRIPLE ISOLATED 200mW ZENERS
More results


유사한 설명 - BZX84C2V4TW-AU

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMKSH-3T CENTRAL-CMKSH-3T Datasheet
123Kb / 2P
SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKSH2-4LR CENTRAL-CMKSH2-4LR_10 Datasheet
498Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON LOW VF SCHOTTKY DIODES
CMKSH-3T CENTRAL-CMKSH-3T_10 Datasheet
498Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKZ5221B CENTRAL-CMKZ5221B_10 Datasheet
556Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES 5% TOLERANCE
CMXD4448 CENTRAL-CMXD4448_10 Datasheet
557Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMXSH-3 CENTRAL-CMXSH-3_10 Datasheet
557Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_10 Datasheet
498Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXSH-3 CENTRAL-CMXSH-3_15 Datasheet
568Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMKZ5221B CENTRAL-CMKZ5221B_15 Datasheet
556Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED SILICON ZENER DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com