전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF300 데이터시트 (PDF) - Yea Shin Technology Co., Ltd

UF300 Datasheet PDF - Yea Shin Technology Co., Ltd
부품명 UF300
다운로드  UF300 다운로드
파일 크기   38.37 Kbytes
페이지   2 Pages
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
상세설명 ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes

UF300 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
UF300 Datasheet PDF - Yea Shin Technology Co., Ltd

부품명 UF300
다운로드  UF300 Click to download

파일 크기   38.37 Kbytes
페이지   2 Pages
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
상세설명 ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes

UF300 데이터시트 (HTML) - Yea Shin Technology Co., Ltd


UF300 제품 세부 정보

VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound
• Void-free Plastic in DO-201AD package
• 3.0 ampere operation at TA=55 °C with no thermal runaway
• Exceeds environmental standards of MIL-S-19500/228
• Ultra fast switching for high efficiency
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment
   substance directive request




유사한 부품 번호 - UF300

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
UF300 TRSYS-UF300 Datasheet
154Kb / 2P
ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF300 PANJIT-UF300 Datasheet
60Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF300 PANJIT-UF300 Datasheet
53Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
Shenzhen Taychipst Elec...
UF300 TAYCHIPST-UF300 Datasheet
2Mb / 2P
ULTRAFAST RECOVERY RECTIFIERS
More results


유사한 설명 - UF300

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
PS300R PANJIT-PS300R Datasheet
55Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
UF200 PANJIT-UF200 Datasheet
66Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Yea Shin Technology Co....
UF200 YEASHIN-UF200 Datasheet
36Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
UF200G YEASHIN-UF200G Datasheet
38Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
UF300G YEASHIN-UF300G Datasheet
44Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com