전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AA038N1-99 데이터시트 (PDF) - Alpha Industries

AA038N1-99 Datasheet PDF - Alpha Industries
부품명 AA038N1-99
다운로드  AA038N1-99 다운로드
파일 크기   321.5 Kbytes
페이지   4 Pages
제조업체  ALPHA [Alpha Industries]
홈페이지  http://www.alphaind.com
Logo ALPHA - Alpha Industries
상세설명 26-41 GHz Low Noise Amplifier

AA038N1-99 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AA038N1-99 Datasheet PDF - Alpha Industries

부품명 AA038N1-99
다운로드  AA038N1-99 Click to download

파일 크기   321.5 Kbytes
페이지   4 Pages
제조업체  ALPHA [Alpha Industries]
홈페이지  http://www.alphaind.com
Logo ALPHA - Alpha Industries
상세설명 26-41 GHz Low Noise Amplifier

AA038N1-99 데이터시트 (HTML) - Alpha Industries


AA038N1-99 제품 세부 정보

Description
The AA038N1-99 is a broadband millimeterwave amplifier in a rugged package.The amplifier is designed for use in millimeterwave communication and sensor systems as the receiver front-end or transmitter gain stage when high gain, wide dynamic range, and low noise figure are required.The robust ceramic and metal package provides excellent electrical performance, excellent thermal performance, and a high degree of environmental protection for long-term reliability. A single supply voltage simplifies bias requirements.

Features
■ 3.8 dB Noise Figure
■ 18 dB Gain
■ +5 dBm Output Power
■ Rugged, Reliable Package
■ Single Voltage Operation
■ 100% RF and DC Testing




유사한 부품 번호 - AA038N1-99

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AA038N1-00 ALPHA-AA038N1-00 Datasheet
134Kb / 2P
28-40 GHz GaAs MMIC Low Noise Amplifier
AA038N1-A2 ALPHA-AA038N1-A2 Datasheet
548Kb / 4P
26-40 GHz Surface Mount Low Noise Amplifier
More results


유사한 설명 - AA038N1-99

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AA038N1-A2 ALPHA-AA038N1-A2 Datasheet
548Kb / 4P
26-40 GHz Surface Mount Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Agilent(Hewlett-Packard...
AMMC-6241 HP-AMMC-6241 Datasheet
944Kb / 8P
26-43 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241 Datasheet
325Kb / 8P
26-43 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
26-34 GHz Low Noise Amplifier
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
26-34 GHz Low Noise Amplifier
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com