| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 TAI-SAW TECHNOLOGY CO.,... |
TF0087A
|
431Kb / 13P |
Duplexer 1732.5/2132.5MHz 45MHz BW SMD 2.0횞1.6 mm
|
|
TF0088A
|
324Kb / 13P |
Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
|
|
TF0089A
|
350Kb / 13P |
Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
|
|
TF0090A
|
326Kb / 12P |
Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
|
|
TA1694A
|
241Kb / 9P |
SAW Filter 751MHz 10MHz BW SMD 1.1X0.9 mm
|
|
TA2062A
|
521Kb / 9P |
SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
|
|
TF0169A
|
669Kb / 14P |
SAW DPX 782/751MHz Band13 Un-balanced SMD1.8X1.4 mm (BW=10 MHz)
|
|
TA2062B
|
1Mb / 10P |
SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
|
|
TA2062C
|
1Mb / 10P |
SAW Rx Filter 751MHz LTE Band 13 SMD 1109 (10MHz BW)
|
|
TF0169B
|
578Kb / 13P |
SAW DPX 782 / 751MHz 10/10MHz BW Band13 SMD1.8X1.4 mm
|