전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29F080AC-55PF 데이터시트 (PDF) - fujitsu semiconductor

MBM29F080AC-55PF Datasheet PDF - fujitsu semiconductor
부품명 MBM29F080AC-55PF
다운로드  MBM29F080AC-55PF 다운로드
파일 크기   564.28 Kbytes
페이지   47 Pages
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor
상세설명 8M (1M X 8) BIT

MBM29F080AC-55PF Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MBM29F080AC-55PF Datasheet PDF - fujitsu semiconductor

부품명 MBM29F080AC-55PF
다운로드  MBM29F080AC-55PF Click to download

파일 크기   564.28 Kbytes
페이지   47 Pages
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor
상세설명 8M (1M X 8) BIT

MBM29F080AC-55PF 데이터시트 (HTML) - fujitsu semiconductor


MBM29F080AC-55PF 제품 세부 정보

■GENERAL DESCRIPTION

The MBM29F080A is a 8 M-bit, 5.0 V-Only Flash memory organized as 1 M bytes of 8 bits each. The 1 M bytes of data is divided into 16 sectors of 64 K bytes for flexible erase capability. The 8 bit of data will appear on DQ0 to DQ7. The MBM29F080A is offered in a 48-pin TSOP(I), 40-pin TSOP, and 44-pin SOP packages. This device is designed to be programmed in-system with the standard system 5.0 V VCCsupply. A 12.0 V VPPis not required for program or erase operations. The device can also be reprogrammed in standard EPROM programmers.



■FEATURES

• Single 5.0 V read, write, and erase

   Minimizes system level power requirements

• Compatible with JEDEC-standard commands

   Pinout and software compatible with single-power supply Flash

   Superior inadvertent write protection

• 48-pin TSOP(I) (Package Suffix: PFTN-Normal Bend Type, PFTR-Reverse Bend Type)

   40-pin TSOP(I) (Package Suffix: PTN-Normal Bend Type, PTR-Reversed Bend Type)

   44-pin SOP (Package Suffix: PF)

• Minimum 100,000 write/erase cycles

• High performance

   55 ns maximum access time

• Sector erase architecture

   Uniform sectors of 64 K bytes each

   Any combination of sectors can be erased. Also supports full chip erase.

• Embedded Erase™ Algorithms

   Automatically pre-programs and erases the chip or any sector

• Embedded Program™ Algorithms

   Automatically programs and verifies data at specified address

•DataPolling and Toggle Bit feature for detection of program or erase cycle completion

• Ready/Busy output (RY/BY)

   Hardware method for detection of program or erase cycle completion

•Low VCCwrite inhibit ≤3.2 V

• Hardware RESETpin

   Resets internal state machine to the read mode

• Erase Suspend/Resume

   Supports reading or programming data to a sector not being erased

• Sector group protection

   Hardware method that disables any combination of sector groups from write or erase operation (a sector group consists of 2 adjacent sectors of 64 K bytes each)

• Temporary sector groups unprotection

  Temporary sector unprotection via the RESET pin




유사한 부품 번호 - MBM29F080AC-55PF

제조업체부품명데이터시트상세설명
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55 SPANSION-MBM29F080A-55 Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PF SPANSION-MBM29F080A-55PF Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PFTN SPANSION-MBM29F080A-55PFTN Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PFTR SPANSION-MBM29F080A-55PFTR Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
More results


유사한 설명 - MBM29F080AC-55PF

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH538700A SHARP-LH538700A Datasheet
58Kb / 6P
CMOS 8M (1M x 8) MROM
logo
fujitsu semiconductor
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
8M (1M X 8/512K X 16) BIT
MBM29F800TA FUJITSU-MBM29F800TA Datasheet
537Kb / 48P
8M (1M X 8/512K X 16) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
8M (1M x 8) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
8M (1M X 8/512K X 16) BIT
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
8M-BIT [1M x 8] CMOS MASK ROM
logo
fujitsu semiconductor
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
8M (1M x 8/512 K x 16) BIT
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
FLASH MEMORY CMOS 8M (1M X 8) BIT
More results




fujitsu semiconductor 에 대하여


Fujitsu Components Limited는 일본 다국적 ​​정보 기술 회사 인 Fujitsu Limited의 자회사입니다.
Fujitsu Components Limited는 전자 구성 요소 및 장치의 설계, 개발 및 제조에 중점을 둡니다.
이 회사는 데이터 저장 장치, 무선 통신 모듈 및 기타 전자 구성 요소를 포함한 다양한 제품을 제공합니다.
Fujitsu Components Limited는 아시아, 유럽 및 아메리카 전역의 여러 국가에서 운영 및 시설을 보유하고 있습니다.
이 회사는 전자 산업의 고급 기술, 고품질 제품 및 혁신적인 솔루션으로 유명합니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com